Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML620Q503 Datasheet(PDF) 2 Page - LAPIS Semiconductor Co., Ltd.

Part # ML620Q503
Description  Ultra Low Power 16-bit Microcontroller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML620Q503 Datasheet(HTML) 2 Page - LAPIS Semiconductor Co., Ltd.

  ML620Q503 Datasheet HTML 1Page - LAPIS Semiconductor Co., Ltd. ML620Q503 Datasheet HTML 2Page - LAPIS Semiconductor Co., Ltd. ML620Q503 Datasheet HTML 3Page - LAPIS Semiconductor Co., Ltd. ML620Q503 Datasheet HTML 4Page - LAPIS Semiconductor Co., Ltd. ML620Q503 Datasheet HTML 5Page - LAPIS Semiconductor Co., Ltd. ML620Q503 Datasheet HTML 6Page - LAPIS Semiconductor Co., Ltd. ML620Q503 Datasheet HTML 7Page - LAPIS Semiconductor Co., Ltd. ML620Q503 Datasheet HTML 8Page - LAPIS Semiconductor Co., Ltd. ML620Q503 Datasheet HTML 9Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
FEDL620Q504-01
ML620Q503/Q504
2/34
• Timers (TMR)
− 8 bits × 8 channels
(Timer0-7: 16-bit
× 4 configuration available by using Timer0-1 or Timer2-3, Timer4-5, Timer6-7)
− Selection of one shot timer mode is possible
− External clock can be selected as timer clock.
• Function Timers (FTM)
− 16-bit × 4 channels
− Equipped with the timer/capture/PWM functions using a 16-bit counter
− Timer start/stop function by software/event trriger(external pin or other timer)
− External pin can be selected as counter clock
− Capture function (the measurement such as the pulse width is possible using external trigger input)
− Two types of PWM with the same period and different duties and complementary PWM with the dead time
set can be output.
• Watchdog timer (WDT)
− Non-maskable interrupt and reset
− Free running
− Overflow period: 4 types selectable (125ms, 500ms, 2s, and 8s when LSCLK = 32.768 kHz)
• Synchronous serial port (SSIOF/SSIO)
− without FIFOs (SSIO) : 1 channel
− with 4-byte transmits and receives FIFOs (SSIOF) : 1 channel
− Master/slave are selectable
− LSB first/MSB first are selectable
− 8-bit length/16-bit length are selectable
− Phase/Polarity of clock are selectable
− supports slave-select signal (only SSIOF)
• UART (UARTF/UART)
− without FIFOs (UART) : 1ch
− with 4-byte transmits and receives FIFOs (UARTF) : 1ch
− Full duplex buffer system
− Communication speed: Settable within the range of 2400bps to 115200bps.
− Programmable interface (data length, parity, stop bits selectable)
• I2C bus interface (I2C)
− Master function × 2 channel
− Fast mode (400 kbps), standard mode (100 kbps)
• General-purpose ports (PORT)
− Input port × 2, Input/output port × 36 channels
• Melody driver (MELODY)
− Tempo: 15 types
− Scale: 29 types (Melody sound frequency: 508 Hz to 10.922 kHz)
− Tone length: 63 types
− Buzzer output mode (4 output modes, 8 buzzer frequencies, 7duty levels at 4.096kHz /15 duty levels at
other buzzer frequencies)
• RC oscillation type A/D converter (RC-ADC)
− Time division × 2 channels
− 24-bit counter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com