Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML9092-01 Datasheet(PDF) 2 Page - LAPIS Semiconductor Co., Ltd.

Part # ML9092-01
Description  LCD Driver with Key Scanner
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML9092-01 Datasheet(HTML) 2 Page - LAPIS Semiconductor Co., Ltd.

  ML9092-01 Datasheet HTML 1Page - LAPIS Semiconductor Co., Ltd. ML9092-01 Datasheet HTML 2Page - LAPIS Semiconductor Co., Ltd. ML9092-01 Datasheet HTML 3Page - LAPIS Semiconductor Co., Ltd. ML9092-01 Datasheet HTML 4Page - LAPIS Semiconductor Co., Ltd. ML9092-01 Datasheet HTML 5Page - LAPIS Semiconductor Co., Ltd. ML9092-01 Datasheet HTML 6Page - LAPIS Semiconductor Co., Ltd. ML9092-01 Datasheet HTML 7Page - LAPIS Semiconductor Co., Ltd. ML9092-01 Datasheet HTML 8Page - LAPIS Semiconductor Co., Ltd. ML9092-01 Datasheet HTML 9Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 66 page
background image
FEDL9092-01
LAPIS Semiconductor
ML9092-01/02/03/04
Comparison between the ML9092-01, ML9092-02, ML9092-03, and ML9092-04
Item
ML9092-01
ML9092-02
ML9092-03
ML9092-04
Number of common outputs
10 Max.
10 Max.
10 Max.
10 Max.
Number of dots on the LCD screen
(selectable by program)
8
 56
9
 56
10
 56
8
 60
9
 60
10
 60
8
 60
9
 60
10
 60
8
 60
9
 60
10
 60
Number of port A outputs
1
1
1
1
Number of port B outputs
3
0
0
3
Number of port C and D outputs (see
note below)
5 each
0
0
0
Key scan (see note below)
5
 5 key scan
4
 6 key scan
4
 6 key scan
5
 5 key scan
Rotary encoder
1 channel
1 channel
1 channel
1 channel
Voltage doubler
Yes
Yes
No
No
PWM circuit
8-bit, 3-channel
No
No
8-bit, 3-channel
Note: The key scan function and port C/D cannot be used concurrently. Use either.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com