Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML9488 Datasheet(PDF) 3 Page - LAPIS Semiconductor Co., Ltd.

Part # ML9488
Description  Static, 1/2 Duty, 1/3 Duty, 1/4 Duty 80 Outputs LCD Driver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML9488 Datasheet(HTML) 3 Page - LAPIS Semiconductor Co., Ltd.

  ML9488 Datasheet HTML 1Page - LAPIS Semiconductor Co., Ltd. ML9488 Datasheet HTML 2Page - LAPIS Semiconductor Co., Ltd. ML9488 Datasheet HTML 3Page - LAPIS Semiconductor Co., Ltd. ML9488 Datasheet HTML 4Page - LAPIS Semiconductor Co., Ltd. ML9488 Datasheet HTML 5Page - LAPIS Semiconductor Co., Ltd. ML9488 Datasheet HTML 6Page - LAPIS Semiconductor Co., Ltd. ML9488 Datasheet HTML 7Page - LAPIS Semiconductor Co., Ltd. ML9488 Datasheet HTML 8Page - LAPIS Semiconductor Co., Ltd. ML9488 Datasheet HTML 9Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
FEDL9488-01
ML9488
3/31
ABSOLUTE MAXIMUM RATINGS
Item
Symbol
Condition
Rating
Unit
Logic power supply voltage
VDD
Ta = 25°C
-0.3 to 6.0
V
LCD drive power supply voltage
VLCD
Ta = 25°C
-0.3 to 6.0
V
Input voltage
VI
Ta = 25°C
– 0.3 to VDD + 0.3
V
Output short-circuit current
Is
Ta = 25°C
-2.0 to +2.0
mA
Chip temperature
Tc
—
125
°C
Storage temperature
TSTG
—
-55 to +150
°C
Note: Do not use the ML9488 by short-circuiting one output pin to another output pin as well as to other pin
(input pin, input/output pin, or power supply pin).
RECOMMENDED OPERATION CONDITIONS
Item
Symbol
Condition
Range
Unit
Logic power supply voltage
VDD*
—
2.7 to 5.5
V
LCD drive power supply voltage
VLCD*
—
4.5 to 5.5
V
OSC IN clock frequency
fCP1
—
up to 10
kHz
Data clock frequency
fCP2
—
up to 1.0
MHz
SCL clock frequency
fSCL
—
up to 400
kHz
Operating temperature
Ta
—
-40 to +105
°C
Note(*): Use at VDD  VLCD.
The relation between OSC IN clock frequency and frame frequency is as the equation below.
fFRM = fOSC /24
Recommended setting range for external component (oscillator circuit)
(VDD = 2.7 to 5.5 V, VLCD = 4.5 to 5.5 V, Ta= –40 to +105°C)
Item
Symbol
Condition
Min
TYP
Max
Unit
Oscillation resistor
Rf
—
423
470
517
k
Ω
Frame frequency
fFRM
(F1,F0)=(0,1)
47
75
114
Hz
The relation between oscillation resistor and frame frequency is as the equation below.
fFRM = fOSC /(8 x 24)
fosc = 1 / (Device coefficient x External resistor Rf)
Device coefficient = 73.8 x 10
-12 ± 25%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com