Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3985 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP3985
Description  Micropower, 150mA Low-Noise Ultra Low-Dropout CMOS Voltage Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3985 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LP3985 Datasheet HTML 1Page - National Semiconductor (TI) LP3985 Datasheet HTML 2Page - National Semiconductor (TI) LP3985 Datasheet HTML 3Page - National Semiconductor (TI) LP3985 Datasheet HTML 4Page - National Semiconductor (TI) LP3985 Datasheet HTML 5Page - National Semiconductor (TI) LP3985 Datasheet HTML 6Page - National Semiconductor (TI) LP3985 Datasheet HTML 7Page - National Semiconductor (TI) LP3985 Datasheet HTML 8Page - National Semiconductor (TI) LP3985 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
Absolute Maximum Ratings (Notes 1,
2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
V
IN,VEN
−0.3 to 6.5V
V
OUT
-0.3 to (V
IN+0.3)
≤ 6.5V
Junction Temperature
150˚C
Storage Temperature
−65˚C to +150˚C
Lead Temp.
235˚C
Pad Temp. (Note 3)
235˚C
Maximum Power Dissipation
SOT23-5 (Note 4)
micro SMD (Note 4)
364mW
355mW
ESD Rating(Note 5)
Human Body Model
Machine Model
2kV
150V
Operating Ratings (Notes 1, 2)
V
IN
2.5 to 6V
V
EN
0to(V
IN+0.3)
≤ 6V
Junction Temperature
−40˚C to +125˚C
Thermal Resistance
θ
JA (SOT23-5)
θ
JA (micro SMD)
220˚C/W
255˚C/W
Maximum Power Dissipation
SOT23-5 (Note 6)
micro SMD (Note 6)
250mW
244mW
Electrical Characteristics
Unless otherwise specified: V
IN =VOUT(nom) + 0.5V, CIN = 1 µF, IOUT = 1mA, COUT = 1 µF, CBYPASS = 0.01µF. Typical values
and limits appearing in standard typeface are for T
J = 25˚C. Limits appearing in boldface type apply over the entire junction
temperature range for operation, −40˚C to +125˚C. (Note 7) (Note 8)
Symbol
Parameter
Conditions
Typ
Limit
Units
Min
Max
∆V
OUT
Output Voltage
Tolerance
I
OUT = 1mA
−2
−3
2
3
%of
V
OUT(nom)
Line Regulation Error
V
IN =(VOUT(nom) + 0.5V) to 6.0V,
For 4.7 to 5.0 options
For all other options
−0.19
−0.1
0.19
0.1
%/V
Load Regulation Error
(Note 9)
I
OUT = 1 mA to 150 mA
LP3985IM5 (SOT23-5)
0.0025
0.005
%/mA
LP3985 (micro SMD)
0.0004
0.002
Output AC Line Regulation
V
IN =VOUT(nom) + 1V,
I
OUT = 150 mA (Figure 1)
1.5
mV
P-P
PSRR
Power Supply Rejection Ratio
V
IN =VOUT(nom) + 0.2V,
f = 1 kHz,
I
OUT = 50mA(Figure 2)
50
dB
V
IN =VOUT(nom) + 0.2V,
f = 10 kHz,
I
OUT = 50mA(Figure 2)
40
I
Q
Quiescent Current
V
EN = 1.4V, IOUT =0 mA
For 4.7 to 5.0 options
For all other options
100
85
165
150
µA
V
EN = 1.4V, IOUT = 0 to 150 mA
For 4.7 to 5.0 options
For all other options
155
140
250
200
V
EN = 0.4V
0.003
1.5
Dropout Voltage (Note 10)
I
OUT =1mA
0.4
2
mV
I
OUT =50mA
20
35
I
OUT = 100 mA
45
70
I
OUT = 150 mA
60
100
I
SC
Short Circuit Current Limit
Output Grounded
(Steady State)
600
mA
I
OUT(PK)
Peak Output Current
V
OUT
≥ V
OUT(nom) - 5%
550
300
mA
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com