Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL855 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # TL855
Description  Professional Digital TV Decoder
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TL855 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  TL855 Datasheet HTML 1Page - List of Unclassifed Manufacturers TL855 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Copyright 2000. TeraLogic, Inc. All rights reserved worldwide. TeraLogic and the TeraLogic logo are registered trademarks of TeraLogic, Inc. Janus is a
trademark of TeraLogic, Inc. All other trademarks are properties of their respective owners and are acknowledged.
11/00 - 5K
TeraLogic, Inc. 1240 Villa Street Mountain View CA 94041
tel 650.526.2000 fax 650.526.2006
www.teralogic.tv
APPLICATIONS
• Professional/Broadcast STB
• Professional video decoding/editing systems
• Ad Insertion Systems
• Digital Cinema
SUPPORTING TERALOGIC PRODUCTS
• Cougar Pro Development Platform
• TL81x STB/PVR Controller ICs
PROGRAMMABLE TRANSPORT
DEMULTIPLEXER
• ATSC/DVB-HD/DIRECTV-HD compliant
• Glueless interface to most front-end ICs
• Maximum input bit rate of 135 Mbits/sec
supported
HIGH-PERFORMANCE 4:2:2 DIGITAL
VIDEO DECODER
• MP@HL MPEG2 4:2:2 decoder
• All ATSC/ARIB/DVB/DIRECTV compliant
decode formats
• Decodes one 4:2:2 HD (MP@HL) stream
at a time
• Decodes and displays HD content in 4:2:2
mode for professional applications
ACCELERATED 2-D GRAPHICS
• Full alpha blend support
• Up to 32 bpp graphics in RGB
MEMORY CONTROLLER
• 64-bit wide SDRAM interface
• Programmable clock generator
• Up to 64 Mbytes addressing range
PCI BUS INTERFACE
• 32-bit interface
• 66 MHz or 33 MHz bus clock
• PCI slave capability supported
• DMA master capability over PCI bus
supported (4:2:0 mode only)
VIDEO DECODE AND DISPLAY
OF 4:2:0 CONTENT
• Supports video decode and display of
4:2:0 content as specified in the TL850
specification.
• Extra features are enabled in this mode
such as extra graphics modes. See the
TL850 product brief for the full list of
features enabled.
TECHNOLOGY
• 2.5-V core, 3.3-V I/O, 0.25-m CMOS
• 348-pin ball grid array package
HIGH-PERFORMANCE DISPLAY
PROCESSOR
• Multiple output display formats supported,
including 1920x1080i, 1280x720p,
704x480p and 704x480i
• Many nonstandard input and output
formats supported
• Up/down conversion of source to selected
display format
• Graphics overlay plane with up to 8-bits
per pixel and global alpha blending
• Analog RGB or YCrCb output for HDTV
display
• Support for SMPTE 274M-, SMPTE 296M-,
SMPTE 293M-, and EIA 770-compatible
tri-level sync on analog output
• 16- or 24-bit digital video output in YCrCb
or RGB mode
AUDIO PROCESSING
• Audio stream play from memory
• Audio mix, cross-fade and attenuate
between sources
• Six-channel audio output
• IEC-958 formatted output supported
• Provides audio rate buffer
• Supports audio and video PTS
synchronization
TL855
Professional Digital TV Decoder
2D Graphics
Memory
PCI Bus
TL855
Memory Controller
PCI Controller
SD/HD
Transport
Stream
Digital HD
Video
Analog HD Out
(RGB/YPbPr)
Audio Out
(I2S and IEC958)
Display Processor
• All formats
• 1080i, 720p, 480p, 480i
Transport
Demultiplexer
• ATSC
• ARIB
• DVB
• DIRECTV
Audio
Processor/
Mixer
32
Digital Video Decoder
• MP@HL MPEG2 4:2:2 decoder
• Decodes all 18 ATSC formats
• ATSC, DVB, ARIB, DIRECTV
compliant
TL855 BLOCK DIAGRAM
TERA3359.SellSheets.ICs
12.15.00
10:45 AM
Page 8



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com