Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC2940 Datasheet(PDF) 1 Page - Texas Instruments

Part # TLC2940
Description  HIGH-PERFORMANCE CMOS VOLTAGE-CONTROLLED OSCILLATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC2940 Datasheet(HTML) 1 Page - Texas Instruments

  TLC2940 Datasheet HTML 1Page - Texas Instruments TLC2940 Datasheet HTML 2Page - Texas Instruments TLC2940 Datasheet HTML 3Page - Texas Instruments TLC2940 Datasheet HTML 4Page - Texas Instruments TLC2940 Datasheet HTML 5Page - Texas Instruments TLC2940 Datasheet HTML 6Page - Texas Instruments TLC2940 Datasheet HTML 7Page - Texas Instruments TLC2940 Datasheet HTML 8Page - Texas Instruments TLC2940 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TLC2940
HIGH-PERFORMANCE CMOS VOLTAGE-CONTROLLED OSCILLATOR
SLAS244 – OCTOBER 1999
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Stable Oscillation Using External Resistor
D Lock Frequency Range:
– 35 MHz to 75 MHz (VDD = 5 V ± 0.25 V,
TA = –20°C to 85°C)
– 28 MHz to 50 MHz (VDD = 3 V ± 0.15 V,
TA = –20°C to 85°C)
D Operating Free-Air Temperature Range,
TA = –20°C to 85°C
D 8-Pin Thin Shrinked Small-Outline Package
description
The TLC2940 is a high-performance analog voltage-controlled oscillator (VCO) using Texas Instruments
0.8-
µm CMOS process. The VCO oscillating operation can be performed by an external bias resistor connected
to the internal oscillation circuitry, and the oscillation frequency range is set by this bias resistor. The lock
frequency range for PLL applications is from 35 MHz to 75 MHz (over operating free-air temperature range,
VDD = 5 V ± 5%), and from 28 MHz to 50 MHz (over operating free-air temperature range, VDD = 3 V ± 5%).
The stable analog PLL can be configured within these frequency ranges.
The device is available in an 8-pin TSSOP surface-mount package.
The PLL block is configured using a counter, a required LPF, and a phase frequency detector (PFD).
AVAILABLE OPTIONS
PACKAGE
TA
TSSOP
(PW)
–20
°C to 85°C
TLC2940IPW
functional block diagram
Bias
Circuit
Output
Buffer
VCO CONTROL
VCOIN
VCO OUT
BIAS
RESISTOR
VCO OUT
VCO
TLC2940
BIAS
VCOIN
Copyright
© 1999, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
8
7
6
5
LOGIC VDD
VCO OUT
FREFINPUT
PFD OUT
VCO VDD
BIAS
VCOIN
GND
PW PACKAGE
(TOP VIEW)


Similar Part No. - TLC2940

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC2940 TI1-TLC2940 Datasheet
140Kb / 10P
HIGH-PERFORMANCE CMOS VOLTAGE-CONTROLLED OSCILLATOR
TLC2940IPW TI1-TLC2940IPW Datasheet
140Kb / 10P
HIGH-PERFORMANCE CMOS VOLTAGE-CONTROLLED OSCILLATOR
TLC2940IPWR TI1-TLC2940IPWR Datasheet
140Kb / 10P
HIGH-PERFORMANCE CMOS VOLTAGE-CONTROLLED OSCILLATOR
TLC2940 TI1-TLC2940_06 Datasheet
140Kb / 10P
HIGH-PERFORMANCE CMOS VOLTAGE-CONTROLLED OSCILLATOR
More results

Similar Description - TLC2940

ManufacturerPart #DatasheetDescription
logo
Z-Communications, Inc
CLV0600A ZCOMM-CLV0600A Datasheet
98Kb / 2P
LOW COST - HIGH PERFORMANCE VOLTAGE CONTROLLED OSCILLATOR
CLV0625L ZCOMM-CLV0625L Datasheet
97Kb / 2P
LOW COST - HIGH PERFORMANCE VOLTAGE CONTROLLED OSCILLATOR
CLV0725A ZCOMM-CLV0725A Datasheet
97Kb / 2P
LOW COST - HIGH PERFORMANCE VOLTAGE CONTROLLED OSCILLATOR
CLV0795E ZCOMM-CLV0795E Datasheet
66Kb / 2P
LOW COST - HIGH PERFORMANCE VOLTAGE CONTROLLED OSCILLATOR
CLV0945A ZCOMM-CLV0945A Datasheet
50Kb / 2P
LOW COST - HIGH PERFORMANCE VOLTAGE CONTROLLED OSCILLATOR
CLV1150E ZCOMM-CLV1150E Datasheet
154Kb / 2P
LOW COST - HIGH PERFORMANCE VOLTAGE CONTROLLED OSCILLATOR
CLV1215E ZCOMM-CLV1215E Datasheet
159Kb / 2P
LOW COST - HIGH PERFORMANCE VOLTAGE CONTROLLED OSCILLATOR
CLV1410E ZCOMM-CLV1410E Datasheet
95Kb / 2P
LOW COST - HIGH PERFORMANCE VOLTAGE CONTROLLED OSCILLATOR
CLV1425E ZCOMM-CLV1425E Datasheet
44Kb / 2P
LOW COST - HIGH PERFORMANCE VOLTAGE CONTROLLED OSCILLATOR
logo
Texas Instruments
TLC2940 TI1-TLC2940_06 Datasheet
140Kb / 10P
HIGH-PERFORMANCE CMOS VOLTAGE-CONTROLLED OSCILLATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com