Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM2C01D0C010N9LF Datasheet(PDF) 21 Page - FCI connector

Part # HM2C01D0C010N9LF
Description  Millipacs HM 5 and 8 Row Right Angle & Straight Signal Receptacles
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI-CONNECTOR [FCI connector]
Direct Link  http://www.fciconnect.com
Logo FCI-CONNECTOR - FCI connector

HM2C01D0C010N9LF Datasheet(HTML) 21 Page - FCI connector

Back Button HM2C01D0C010N9LF Datasheet HTML 14Page - FCI connector HM2C01D0C010N9LF Datasheet HTML 15Page - FCI connector HM2C01D0C010N9LF Datasheet HTML 16Page - FCI connector HM2C01D0C010N9LF Datasheet HTML 17Page - FCI connector HM2C01D0C010N9LF Datasheet HTML 18Page - FCI connector HM2C01D0C010N9LF Datasheet HTML 19Page - FCI connector HM2C01D0C010N9LF Datasheet HTML 20Page - FCI connector HM2C01D0C010N9LF Datasheet HTML 21Page - FCI connector HM2C01D0C010N9LF Datasheet HTML 22Page - FCI connector  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
TYPE
APPLICATION SPECIFICATION
NUMBER
GS-20-022
TITLE
PAGE
REVISION
Application Guide
Millipacs® HM 5 and 8 Row Right Angle & Straight Signal Receptacles
Millipacs® HM Right Angle Headers
21 of 22
B
AUTHORIZED BY
DATE
T. De Rooster
16-May-02
UNRESTRICTED
Copyright 2001 FCI USA, INC.
Form E-3334 02/12/01
GS-01-001
11.3. Removal tooling for the 5+8 row connector
Figure 17 -- Connector Removal tooling HM2Y350
For more detail information, check the instruction manual of the tool.
FEATURES:
•
Removes one (1) receptacle connector.
•
By cutting the connector the connector can be easily removed.
•
Removal kit includes Xcelite Pliers, a Comb Removal Tool and the Connector Removal Tool.
The Xcelite Pliers are for removal of the top shield.
•
The hand tool can be adjusted to remove a connector in the middle of the row.
•
A manual force of 20 – 30 lbs is required to properly operate the Removal Tool.
PDS: Rev :C
STATUS:Released
Printed: Jan 03, 2013



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com