Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2986IM-3.3 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP2986IM-3.3
Description  Micropower, 200 mA Ultra Low-Dropout Fixed or Adjustable Voltage Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP2986IM-3.3 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LP2986IM-3.3 Datasheet HTML 6Page - National Semiconductor (TI) LP2986IM-3.3 Datasheet HTML 7Page - National Semiconductor (TI) LP2986IM-3.3 Datasheet HTML 8Page - National Semiconductor (TI) LP2986IM-3.3 Datasheet HTML 9Page - National Semiconductor (TI) LP2986IM-3.3 Datasheet HTML 10Page - National Semiconductor (TI) LP2986IM-3.3 Datasheet HTML 11Page - National Semiconductor (TI) LP2986IM-3.3 Datasheet HTML 12Page - National Semiconductor (TI) LP2986IM-3.3 Datasheet HTML 13Page - National Semiconductor (TI) LP2986IM-3.3 Datasheet HTML 14Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Application Hints
EXTERNAL CAPACITORS
Like any low-dropout regulator, external capacitors are re-
quired to assure stability. These capacitors must be correctly
selected for proper performance.
INPUT CAPACITOR: An input capacitor (
≥ 2.2 µF) is re-
quired between the LP2986 input and ground (amount of ca-
pacitance may be increased without limit).
This capacitor must be located a distance of not more than
0.5” from the input pin and returned to a clean analog
ground. Any good quality ceramic or tantalum may be used
for this capacitor.
OUTPUT CAPACITOR: The output capacitor must meet the
requirement for minimum amount of capacitance and also
have an appropriate E.S.R. (equivalent series resistance)
value.
Curves are provided which show the allowable ESR range
as a function of load current for various output voltages and
capacitor values (see ESR curves below).
IMPORTANT: The output capacitor must maintain its ESR in
the stable region
over the full operating temperature range of
the application to assure stability.
The minimum required amount of output capacitance is
4.7 µF. Output capacitor size can be increased without limit.
It is important to remember that capacitor tolerance and
variation with temperature must be taken into consideration
when selecting an output capacitor so that the minimum re-
quired amount of output capacitance is provided over the full
operating temperature range. A good Tantalum capacitor will
show very little variation with temperature, but a ceramic
may not be as good (see next section).
CAPACITOR CHARACTERISTICS
TANTALUM: The best choice for size, cost, and perfor-
mance are solid tantalum capacitors. Available from many
sources, their typical ESR is very close to the ideal value re-
quired on the output of many LDO regulators.
Tantalums also have good temperature stability: a 4.7 µF
was tested and showed only a 10% decline in capacitance
as the temperature was decreased from +125˚C to −40˚C.
The ESR increased only about 2:1 over the same range of
temperature.
However, it should be noted that the increasing ESR at lower
temperatures present in all tantalums can cause oscillations
when marginal quality capacitors are used (where the ESR
of the capacitor is near the upper limit of the stability range at
room temperature).
CERAMIC: For a given amount of a capacitance, ceramics
are usually larger and more costly than tantalums.
Be warned that the ESR of a ceramic capacitor can be low
enough to cause instability: a 2.2 µF ceramic was measured
and found to have an ESR of about 15 m
Ω.
If a ceramic capacitor is to be used on the LP2986 output, a
1
Ω resistor should be placed in series with the capacitor to
provide a minimum ESR for the regulator.
Another disadvantage of ceramic capacitors is that their ca-
pacitance varies a lot with temperature:
Large ceramic capacitors are typically manufactured with the
Z5U temperature characteristic, which results in the capaci-
tance dropping by a 50% as the temperature goes from 25˚C
to 80˚C.
This means you have to buy a capacitor with twice the mini-
mum C
OUT to assure stable operation up to 80˚C.
ALUMINUM: The large physical size of aluminum electrolyt-
ics makes them unattractive for use with the LP2986. Their
ESR characteristics are also not well suited to the require-
ments of LDO regulators.
The ESR of an aluminum electrolytic is higher than a tanta-
lum, and it also varies greatly with temperature.
A typical aluminum electrolytic can exhibit an ESR increase
of 50X when going from 20˚C to −40˚C. Also, some alumi-
num electrolytics can not be used below −25˚C because the
electrolyte will freeze.
USING AN EXTERNAL RESISTIVE DIVIDER
The LP2986 output voltage can be programmed using an ex-
ternal resistive divider (see Basic Application Circuits).
The resistor connected between the Feedback pin and
ground should be 51.1k. The value for the other resistor (R1)
connected between the Feedback pin and the regulated out-
put is found using the formula:
V
OUT = 1.23 x (1 + R1/51.1k)
It should be noted that the 25 µA of current flowing through
the external divider is approximately equal to the current
saved by not connecting the internal divider, which means
the quiescent current is not increased by using external re-
sistors.
ESR Curves For 5V Output
DS012935-6
ESR Curves For 2.5V Output
DS012935-7
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com