Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

35CE47PC Datasheet(PDF) 1 Page - ON Semiconductor

Part # 35CE47PC
Description  Bill of Materials for the AM306245R2MMGEVB Evaluation Board
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

35CE47PC Datasheet(HTML) 1 Page - ON Semiconductor

  35CE47PC Datasheet HTML 1Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Designator
Quantity
Description
Value
Tolerance
Footprint
Manufacturer
Manufacturer Part
Number
Substitution
Allowed
Lead Free
C6, C7
2
Ceramic Multilayer X7R
100nF, 50V
±10%
0603
Kemet
C0603C104K5RAC
Yes
Yes
C3
1
Ceramic Multilayer X7R
1uF, 10V
±10%
0603
Murata
GRM188R71A105KA61D
Yes
Yes
C4, C5
2
Ceramic Multilayer X7R
220nF, 25V
±10%
0603
Murata
GRM188R71E224KA88D
Yes
Yes
C8
1
Electrolytic (low ESR)
47 uF, 35V
±10%
8 x 10,2 (see datasheet)
SUN Electronic
Industries Corp.
35 CE 47 PC
Yes
Yes
R1
1
Thick Film
1kΩ, 0.063W
±5%
0402
Vishay
CRCW04021K00JNED
Yes
Yes
IC1
1
Stepper Motor Module
-
-
NQFP32, 7x7
ON Semiconductor
AMIS30624C6245G
No
Yes
CON1
1
Connector
-
-
7.40mm x 6.10mm
FCI
98424-G52-06LF
Yes
Yes
CON2
1
Connector
-
-
7.40mm x 6.10mm
FCI
98424-G52-04ALF
Yes
Yes
Bill of Materials for the AM306245R2MMGEVB Evaluation Board
2/16/2010
Page 1 of 1
www.onsemi.com


Similar Part No. - 35CE47PC

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
35C RENESAS-35C Datasheet
545Kb / 57P
RENESAS MCU
logo
List of Unclassifed Man...
35C5 ETC1-35C5 Datasheet
162Kb / 4P
7-PIN NINIATURE TYPE
logo
Nell Semiconductor Co.,...
35CD NELLSEMI-35CD Datasheet
85Kb / 1P
Automotive Cell Diodes, 35A
logo
International Rectifier
35CGQ045 IRF-35CGQ045 Datasheet
49Kb / 4P
SCHOTTKY RECTIFIER
35CGQ045 IRF-35CGQ045 Datasheet
52Kb / 4P
SCHOTTKY RECTIFIER
More results

Similar Description - 35CE47PC

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CDB44L11 CIRRUS-CDB44L11 Datasheet
783Kb / 20P
Evaluation Board for the CS44L11
logo
Zetex Semiconductors
ZXSC400EV2 ZETEX-ZXSC400EV2 Datasheet
66Kb / 1P
circuit diagram and bill of materials
ZXLD1350EV3 ZETEX-ZXLD1350EV3 Datasheet
66Kb / 1P
circuit diagram and bill of materials
logo
Cirrus Logic
CDB4354 CIRRUS-CDB4354 Datasheet
724Kb / 11P
Evaluation Board for the CS4354
logo
Analog Devices
AD623-EVAL AD-AD623-EVAL Datasheet
287Kb / 4P
Evaluation Board for the AD623
REV. 0
EVAL-ADP1720 AD-EVAL-ADP1720_15 Datasheet
264Kb / 8P
Evaluation Board for the ADP1720
REV. 0
logo
ON Semiconductor
AM305212R1DBGEVB ONSEMI-AM305212R1DBGEVB Datasheet
148Kb / 1P
Bill of Materials for the AM305212R1DBGEVB Evaluation Board
AM305222R1DBGEVB ONSEMI-AM305222R1DBGEVB Datasheet
148Kb / 1P
Bill of Materials for the AM305222R1DBGEVB Evaluation Board
AM306228R1DBGEVB ONSEMI-AM306228R1DBGEVB Datasheet
113Kb / 1P
Bill of Materials for the AM306228R1DBGEVB Daughterboard
2/11/2010
logo
Cirrus Logic
CDB53L30 CIRRUS-CDB53L30 Datasheet
2Mb / 37P
Evaluation Board for the CS53L30
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com