Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPD1024S Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TPD1024S
Description  TOSHIBA Intelligent Power Device Silicon Monolithic Power MOS Integrated Circuit
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPD1024S Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TPD1024S Datasheet HTML 1Page - Toshiba Semiconductor TPD1024S Datasheet HTML 2Page - Toshiba Semiconductor TPD1024S Datasheet HTML 3Page - Toshiba Semiconductor TPD1024S Datasheet HTML 4Page - Toshiba Semiconductor TPD1024S Datasheet HTML 5Page - Toshiba Semiconductor TPD1024S Datasheet HTML 6Page - Toshiba Semiconductor TPD1024S Datasheet HTML 7Page - Toshiba Semiconductor TPD1024S Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TPD1024S
2002-10-24
3
Maximum Ratings (Ta = 25°C)
Characteristic
Symbol
Rating
Unit
Drain-source voltage
VDS (DC)
40
V
Output current
ID
1.5
A
Input voltage
VGS
−0.5 ~ 6
V
Ta = 25°C
1
Power dissipation
Tc = 25°C
PD
10
W
Operating temperature
Topr
−40 ~ 85
°C
Junction temperature
Tj
150
°C
Storage temperature
Tstg
−55 ~ 150
°C
Recommendable Condition
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
Input voltage
VIN
―
4.5
5
6
V
Electrical Characteristics (Tj = 25°C)
Characteristic
Symbol
Test
Cir-
cuit
Test Condition
Min
Typ.
Max
Unit
Drain-source breakdown voltage
V(BR) DSS
―
VGS = 0, ID = 10 mA
40
―
―
V
Operating supply voltage
VDD (OPR)
―
―
―
―
18
V
IDSS (1)
―
VGS = 0, VDS = 40 V
―
―
3
mA
Current at output off
IDSS (2)
―
VGS = 0, VDS = 24 V
―
―
100
µA
Input threshold voltage
Vth
―
VDS = 10 V, ID = 1 mA
0.8
―
2.5
V
Input current
IGSS
―
VGS = 5 V,
at normal operation
―
―
300
µA
On resistance
RDS (ON)
―
VGS = 5 V, ID = 1 A
―
―
0.5
Ω
Thermal shutdown temperature
TS
―
―
―
160
―
°C
Overcurrent protection
IS
―
VDS = 12 V, VGS = 5 V
―
3.5
―
A
tON
―
50
―
µs
Switching time
tOFF
1
VDS = 12 V, VGS = 5 V,
RL = 12 Ω
―
10
―
µs
Diode forward voltage
Between drain and source
VDSF
―
IF = 1.5 A
―
0.9
1.8
V
Avalanche energy
EA
―
L = 10 mH, Single pulse
30
―
―
mJ
Test Circuit 1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com