Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC661 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LPC661
Description  Low Power CMOS Operational Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LPC661 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LPC661 Datasheet HTML 1Page - National Semiconductor (TI) LPC661 Datasheet HTML 2Page - National Semiconductor (TI) LPC661 Datasheet HTML 3Page - National Semiconductor (TI) LPC661 Datasheet HTML 4Page - National Semiconductor (TI) LPC661 Datasheet HTML 5Page - National Semiconductor (TI) LPC661 Datasheet HTML 6Page - National Semiconductor (TI) LPC661 Datasheet HTML 7Page - National Semiconductor (TI) LPC661 Datasheet HTML 8Page - National Semiconductor (TI) LPC661 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
LPC661
Low Power CMOS Operational Amplifier
General Description
The LPC661 CMOS operational amplifier is ideal for opera-
tion from a single supply. It features a wide range of operat-
ing supply voltage from +5V to +15V, rail-to-rail output swing
and an input common-mode range that includes ground.
Performance limitations that have plagued CMOS amplifiers
in the past are not a problem with this design. Input V
OS,
drift, and broadband noise as well as voltage gain (into 100
k
Ω and 5 kΩ) are all equal to or better than widely accepted
bipolar equivalents, while the supply current requirement is
typically 55 µA.
This chip is built with National’s advanced Double-Poly
Silicon-Gate CMOS process.
See the LPC660 datasheet for a Quad CMOS operational
amplifier or the LPC662 data sheet for a Dual CMOS opera-
tional amplifier with these same features.
Features
(Typical unless otherwise noted)
n Rail-to-rail output swing
n Low supply current
55 µA
n Specified for 100 k
Ω and5kΩ loads
n High voltage gain
120 dB
n Low input offset voltage
3 mV
n Low offset voltage drift
1.3 µV/˚C
n Ultra low input bias current
2 fA
n Input common-mode range includes GND
n Operating range from +5V to +15V
n Low distortion
0.01% at 1 kHz
n Slew rate
0.11 V/µs
Applications
n High-impedance buffer
n Precision current-to-voltage converter
n Long-term integrator
n High-impedance preamplifier
n Active filter
n Sample-and-Hold circuit
n Peak detector
Connection Diagram
Ordering Information
Package
Temperature Range
NSC
Drawing
Transport
Media
Military
Industrial
−55˚C to +125˚C
−40˚C to +85˚C
8-Pin
LPC661AIM
M08A
Tape and Reel
Small Outline
LPC661IM
Rail
8-Pin
LPC661AMN
LPC661AIN
N08E
Rail
Molded DIP
LPC661IN
8-Pin DIP/SO
DS011227-1
May 1998
© 1999 National Semiconductor Corporation
DS011227
www.national.com


Similar Part No. - LPC661

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LPC661 TI1-LPC661 Datasheet
363Kb / 17P
LPC661 Low Power CMOS Operational Amplifier
LPC661AIM TI1-LPC661AIM Datasheet
363Kb / 17P
LPC661 Low Power CMOS Operational Amplifier
LPC661AIN TI1-LPC661AIN Datasheet
363Kb / 17P
LPC661 Low Power CMOS Operational Amplifier
LPC661AMN TI1-LPC661AMN Datasheet
363Kb / 17P
LPC661 Low Power CMOS Operational Amplifier
LPC661IM TI1-LPC661IM Datasheet
363Kb / 17P
LPC661 Low Power CMOS Operational Amplifier
More results

Similar Description - LPC661

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6022 NSC-LMC6022 Datasheet
339Kb / 16P
Low Power CMOS Dual Operational Amplifier
LMC6024 NSC-LMC6024 Datasheet
315Kb / 14P
Low Power CMOS Quad Operational Amplifier
LPC660 NSC-LPC660 Datasheet
603Kb / 17P
Low Power CMOS Quad Operational Amplifier
logo
ELM Technology Corporat...
ELM832B ELM-TECH-ELM832B Datasheet
118Kb / 10P
CMOS Low power operational amplifier
logo
National Semiconductor ...
LPC661 NSC-LPC661_14 Datasheet
363Kb / 17P
Low Power CMOS Operational Amplifier
logo
ELM Electronics
ELM832B ELM-ELM832B Datasheet
947Kb / 10P
CMOS Low power operational amplifier
ELM832BW ELM-ELM832BW Datasheet
926Kb / 10P
CMOS Low power dual operational amplifier
ELM842B ELM-ELM842B Datasheet
364Kb / 4P
CMOS Low power operational amplifier
ELM832-SERIES ELM-ELM832-SERIES Datasheet
879Kb / 9P
CMOS Low power operational amplifier
ELM842-SERIES ELM-ELM842-SERIES Datasheet
937Kb / 10P
CMOS Low power operational amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com