Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS2148 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2148
Description  3.3-V LDO AND DUAL SWITCH FOR USB PERIPHERAL POWER MANAGEMENT
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2148 Datasheet(HTML) 1 Page - Texas Instruments

  TPS2148 Datasheet HTML 1Page - Texas Instruments TPS2148 Datasheet HTML 2Page - Texas Instruments TPS2148 Datasheet HTML 3Page - Texas Instruments TPS2148 Datasheet HTML 4Page - Texas Instruments TPS2148 Datasheet HTML 5Page - Texas Instruments TPS2148 Datasheet HTML 6Page - Texas Instruments TPS2148 Datasheet HTML 7Page - Texas Instruments TPS2148 Datasheet HTML 8Page - Texas Instruments TPS2148 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
TPS2148
TPS2158
SLVS373 – AUGUST 2001
3.3-V LDO AND DUAL SWITCH
FOR USB PERIPHERAL POWER MANAGEMENT
1
www.ti.com
FEATURES
D Complete Power Management Solution for
USB Bus-Powered Peripherals
D 3.3-V 200 mA Low-Dropout Voltage Regulator
With Enable
D 3.3-V 340-mΩ (Typ) High-Side MOSFET
D 5-V 340-mΩ (Typ) High-Side MOSFET
D Independent Thermal- and Short-Circuit
Protection for LDO and Each Switch
D 2.9-V to 5.5-V Operating Range
D CMOS- and TTL-Compatible Enable Inputs
D 75-µA (Typ) Supply Current
D Available in 8-Pin MSOP (PowerPAD)
D –40°C to 85°C Ambient Temperature Range
APPLICATIONS
D USB Peripherals
– Digital Cameras
– Zip Drives
– Speakers and Headsets
DESCRIPTION
The TPS2148 incorporates two power distribution
switches and an LDO in one small package, providing
a USB peripheral power management solution that
saves up to 60% in board space over typical
implementations.
The TPS2148 meets USB 2.0 bus-powered peripheral
requirements. An integrated LDO regulates the 5-V bus
power down to 3.3 V for the USB controller, and a
MOSFET switch that is internally connected to the
output of the LDO simplifies meeting the suspend and
enumeration current requirements imposed by the USB
specification.
A second switch is available to support a downstream
port, stage power to a second voltage regulator, or
disable power to selected circuitry in power-save
modes.
Each power-distribution switch is capable of supplying
200 mA of continuous current, and the independent
logic enables are compatible with 5-V logic and 3-V
logic. The switches and the LDO are designed with
controlled rise times and fall times to minimize current
surges.
The TPS2148 has active-low enables while the
TPS2158 has active-high enables.
LDO and dual switch family selection guide and schematics
LDO
LDO_OUT
LDO_ADJ
OC1
OUT1
OUT2
OC2
VIN/SW1
LDO_EN
EN1
SW2
EN2
GND
TPS2145/55
TSSOP–14
LDO
OC1
OC2
EN1
SW2
EN2
GND
TPS2147/57
MSOP–10
LDO
EN2
EN1
GND
TPS2148/58
MSOP–8
LDO
OC
EN1
EN2
GND
TPS2149/59
MSOP–8
VIN/SW1
LDO_OUT
OUT1
OUT2
VIN/SW1
LDO_EN
LDO_OUT
OUT2
OUT1
VIN
LDO_OUT
OUT1
OUT2
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
PowerPAD is a trademark of Texas Instruments.
Copyright
 2001, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - TPS2148

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2148 TI-TPS2148 Datasheet
274Kb / 19P
3.3-V LDO AND DUAL SWITCH FOR USB PERIPHERAL POWER MANAGEMENT
TPS2148 TI1-TPS2148 Datasheet
444Kb / 22P
3.3-V LDO AND DUAL SWITCH FOR USB PERIPHERAL POWER MANAGEMENT
TPS2148 TI2-TPS2148 Datasheet
955Kb / 22P
3.3-VLDO AND DUAL SWITCH FOR USB PERIPHERAL POWER MANAGEMENT
AUGUST 2001
TPS2148IDGN TI-TPS2148IDGN Datasheet
268Kb / 19P
3.3-V LDO AND DUAL SWITCH FOR USB BUS-POWERED HUB POWER MANAGEMENT
TPS2148IDGN TI-TPS2148IDGN Datasheet
274Kb / 19P
3.3-V LDO AND DUAL SWITCH FOR USB PERIPHERAL POWER MANAGEMENT
More results

Similar Description - TPS2148

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CMPWR160 CALMIRCO-CMPWR160 Datasheet
124Kb / 10P
USB peripheral Power Management
logo
Texas Instruments
TPS2149 TI-TPS2149 Datasheet
268Kb / 19P
3.3-V LDO AND DUAL SWITCH FOR USB BUS-POWERED HUB POWER MANAGEMENT
TPS2140 TI-TPS2140 Datasheet
367Kb / 25P
ADJUSTABLE LDO AND SWITCH WITH DUAL CURRENT LIMIT FOR USB HIGH-POWER PERIPHERAL POWER MANAGEMENT
TPS2158 TI-TPS2158 Datasheet
274Kb / 19P
3.3-V LDO AND DUAL SWITCH FOR USB PERIPHERAL POWER MANAGEMENT
logo
Richtek Technology Corp...
RT9054 RICHTEK-RT9054 Datasheet
306Kb / 11P
Portable Power Management 300mA Dual LDO Regulator
logo
Texas Instruments
TPS2149IDGNG4 TI1-TPS2149IDGNG4 Datasheet
457Kb / 23P
3.3-V LDO AND DUAL SWITCH FOR USB BUS-POWERED HUB POWER MANAGEMENT
logo
ON Semiconductor
NCV47411 ONSEMI-NCV47411 Datasheet
128Kb / 14P
3.3 V to 20 V Adjustable Dual LDO with Adjustable Current Limit and 3.3 V
December, 2013 ??Rev. 1
logo
Texas Instruments
LM10502 TI1-LM10502 Datasheet
932Kb / 35P
Dual Buck LDO Power Management Unit
TPS2140 TI1-TPS2140_16 Datasheet
1Mb / 33P
ADJUSTABLE LDO AND SWITCH WITH DUAL CURRENT LIMIT FOR USB
TPS2148 TI1-TPS2148_14 Datasheet
444Kb / 22P
3.3-V LDO AND DUAL SWITCH FOR USB PERIPHERAL POWER MANAGEMENT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com