Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GDZ2V0B Datasheet(PDF) 1 Page - Vishay Siliconix

Part # GDZ2V0B
Description  Small Signal Zener Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GDZ2V0B Datasheet(HTML) 1 Page - Vishay Siliconix

  GDZ2V0B Datasheet HTML 1Page - Vishay Siliconix GDZ2V0B Datasheet HTML 2Page - Vishay Siliconix GDZ2V0B Datasheet HTML 3Page - Vishay Siliconix GDZ2V0B Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
GDZ-Series
www.vishay.com
Vishay Semiconductors
Rev. 2.2, 03-Nov-16
1
Document Number: 85766
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Small Signal Zener Diodes
FEATURES
• Silicon planar Zener diodes
• Low Zener impedance and low leakage current
• Popular in Asian designs
• Compact surface mount device
• Ideal for automated mounting
• AEC-Q101 qualified available
• ESD capability according to AEC-Q101:
human body model > 8 kV
machine model > 800 V
• Base P/N-E3 - RoHS-compliant, commercial grade
• Base P/N-HE3 - RoHS-compliant, AEC-Q101 qualified
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
PRIMARY CHARACTERISTICS
PARAMETER
VALUE
UNIT
VZ range nom.
2.0 to 36
V
Test current IZT
5mA
VZ specification
Pulse current
Int. construction
Single
Available
ORDERING INFORMATION
DEVICE NAME
ORDERING CODE
TAPED UNITS PER REEL
MINIMUM ORDER QUANTITY
GDZ-series
GDZ2V0B-E3-08 to GDZ36B-E3-08
3000 (8 mm tape on 7" reel)
15 000/box
GDZ2V0B-HE3-08 to GDZ36B-HE3-08
GDZ2V0B-E3-18 to GDZ36B-E3-18
10 000 (8 mm tape on 13" reel)
10 000/box
GDZ2V0B-HE3-18 to GDZ36B-HE3-18
PACKAGE
PACKAGE NAME
WEIGHT
MOLDING COMPOUND
FLAMMABILITY RATING
MOISTURE SENSITIVITY
LEVEL
SOLDERING CONDITIONS
SOD-323
4.3 mg
UL 94 V-0
MSL level 1
(according J-STD-020)
260 °C/10 s at terminals
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Power dissipation
Ptot
200
mW
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
-55 to +150
°C
Operating temperature range
Top
-55 to +150
°C


Similar Part No. - GDZ2V0B

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
GDZ2V0B SUNMATE-GDZ2V0B Datasheet
406Kb / 2P
SURFACE MOUNT ZENER DIODES
logo
Vishay Siliconix
GDZ2V0B-G VISHAY-GDZ2V0B-G Datasheet
82Kb / 4P
Small Signal Zener Diodes
14-Oct-16
GDZ2V0B-V VISHAY-GDZ2V0B-V Datasheet
78Kb / 5P
Small Signal Zener Diodes
17-May-06
GDZ2V0B-V VISHAY-GDZ2V0B-V Datasheet
75Kb / 4P
Small Signal Zener Diodes
16-Sep-11
GDZ2V0B-V-G VISHAY-GDZ2V0B-V-G Datasheet
77Kb / 4P
Small Signal Zener Diodes
16-Sep-11
More results

Similar Description - GDZ2V0B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TZQ5221B VISHAY-TZQ5221B_06 Datasheet
190Kb / 7P
Small Signal Zener Diodes
23-Mar-06
TZS4678 VISHAY-TZS4678_06 Datasheet
190Kb / 7P
Small Signal Zener Diodes
15-Mar-06
TZM VISHAY-TZM Datasheet
104Kb / 8P
Small Signal Zener Diodes
28-Feb-06
MMSZ5245B-V-GS08 VISHAY-MMSZ5245B-V-GS08 Datasheet
80Kb / 4P
Small Signal Zener Diodes
27-Feb-13
1N5242BTR VISHAY-1N5242BTR Datasheet
99Kb / 6P
Small Signal Zener Diodes
06-May-13
TLZ5V6B-GS08 VISHAY-TLZ5V6B-GS08 Datasheet
110Kb / 8P
Small Signal Zener Diodes
26-Jun-12
BZX84-V_SERIES VISHAY-BZX84-V_SERIES Datasheet
114Kb / 8P
Small Signal Zener Diodes
08-Dec-11
MMSZ5237B-V-GS08 VISHAY-MMSZ5237B-V-GS08 Datasheet
80Kb / 4P
Small Signal Zener Diodes
27-Feb-13
TZM5244B-GS08 VISHAY-TZM5244B-GS08 Datasheet
76Kb / 4P
Small Signal Zener Diodes
22-Nov-12
TZM5242B-GS08 VISHAY-TZM5242B-GS08 Datasheet
76Kb / 4P
Small Signal Zener Diodes
22-Nov-12
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com