Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GDZ2V2B Datasheet(PDF) 3 Page - Vishay Siliconix

Part # GDZ2V2B
Description  Small Signal Zener Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GDZ2V2B Datasheet(HTML) 3 Page - Vishay Siliconix

  GDZ2V2B Datasheet HTML 1Page - Vishay Siliconix GDZ2V2B Datasheet HTML 2Page - Vishay Siliconix GDZ2V2B Datasheet HTML 3Page - Vishay Siliconix GDZ2V2B Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
GDZ-Series
www.vishay.com
Vishay Semiconductors
Rev. 2.2, 03-Nov-16
3
Document Number: 85766
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 1 - Zener Voltage Temperature Coefficient vs.
Zener Voltage
PACKAGE DIMENSIONS in millimeters (inches): SOD-323
Zener Voltage V
Z (V)
028
16
20 24
32
4
8
12
36
- 0.06
- 0.08
- 0.04
- 0.02
0
0.02
0.06
0.04
0.08
0.10
0.12
19964
Rev. 6 - Date: 23.Sept.2016
17443
Document no.: S8-V-3910.02-001 (4)
Created - Date: 24.August.2004
Footprint recommendation:
2.50 [0.098]
2.85 [0.112]
1.60 [0.063]
1.95 [0.077]
0.25 [0.010]
0.40 [0.016]
Cathode bar
1.6 [0.063]
0.8 [0.031]
0.8 [0.031]



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com