Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CANAT02TP Datasheet(PDF) 1 Page - AVX Corporation

Part # CANAT02TP
Description  High Temperature Automotive
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

CANAT02TP Datasheet(HTML) 1 Page - AVX Corporation

  CANAT02TP Datasheet HTML 1Page - AVX Corporation CANAT02TP Datasheet HTML 2Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
68
High Temperature Automotive
150ºC Rated Varistors
V
W(DC)
DC Working Voltage [V]
I
L
Maximum leakage current at the working voltage [
µA]
V
W(AC)
AC Working Voltage [V]
E
T
Transient Energy Rating [J, 10x1000
µS]
V
B
Breakdown Votage [V @ 1mA
DC]IP
Peak Current Rating [A, 8x20
µS]
V
C
Clamping Votage [V @ IVC]
Cap
Capacitance [pF] @ 1KHz specified and 0.5VRMS
GENERAL DESCRIPTION
AVX High Temperature Multi-Layer Varistors are designed for underhood applica-
tions. Products have been tested, qualified, and specified to 150ºC. The MLV
advantage is EMI/RFI attenuation in the off state. This allows designers the ability
to combine the circuit protection and EMI/RFI attenuation function into a single
highly reliable device.
FEATURES
• Operating Temperature:
-55ºC to +150ºC
• AEC Q200 qualified
• ESD rating to 25kV contact
• EMI/RFI attenuation in off state
• Excellent current and energy handling
APPLICATIONS
• Under hood
• Down Hole Drilling
• High temperature applications
• Communication Bus
• Sensors
• RF Circuits
• Capacitance sensitive applications and more
CAN
Type
Controlled Area
Network Varistor
HOW TO ORDER
AT
Series
Automotive
High Temperature
01
Case Size
01 = 0603
02 = 0405 2-Element
04 = 0612 4-Element
R
Packaging
D = 7” (1000 pcs)
R = 7” (4,000 pcs)
T = 13” (10,000pcs)
P
Termination
P = Ni Barrier/
100% Sn (matte)
AVX Part Number
VW (DC)
VW (AC)
VB
IL
ET
IP
Cap
Case Size
Elements
CANAT01--
≤ 18
≤ 14
120
10
0.015
4
22
0603
1
CANAT02--
≤ 18
≤ 14
70
10
0.015
4
22
0405
2
CANAT04--
≤ 18
≤ 14
100
10
0.015
4
22
0612
4
CAN SERIES
V
W(DC)
DC Working Voltage [V]
I
L
Maximum leakage current at the working voltage [
µA]
V
W(AC)
AC Working Voltage [V]
Cap
Capacitance [pF] @ 1KHz specified and 0.5VRMS
VCAT
Type
High
Temperature
HOW TO ORDER
06
Case Size
04 = 0402
06 = 0603
AG
Varistor Series
AntennaGuard
18
Working
Voltage
18 = 18Vdc
120
Cap
Y
Non-Std.
Cap Tolerance
A
N/A
T
Termination
Finish
P = Ni Barrier/
100% Sn
1
Reel
Size
1 = 7"
3 = 13"
A
Reel
Quantity
A = 4000 or
10,000
AVX Part Number
VW (DC)
VW (AC)
IL
Cap
Cap Tolerance Case Size
VCAT06AG18120YAT--
≤ 18
≤ 14
10
12
+4, -2pF
0603
ANTENNAGUARD SERIES


Similar Part No. - CANAT02TP

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
CANAT-VCAT06AG AVX-CANAT-VCAT06AG Datasheet
125Kb / 2P
High Temperature Automotive
CANATL07DP AVX-CANATL07DP Datasheet
95Kb / 2P
High Temperature Low Leakage Automotive Varistors
CANATL07RP AVX-CANATL07RP Datasheet
95Kb / 2P
High Temperature Low Leakage Automotive Varistors
CANATL07TP AVX-CANATL07TP Datasheet
95Kb / 2P
High Temperature Low Leakage Automotive Varistors
More results

Similar Description - CANAT02TP

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
CANAT-VCAT06AG AVX-CANAT-VCAT06AG Datasheet
125Kb / 2P
High Temperature Automotive
logo
TDK Electronics
CGA2B2NP01H3R3C050BA TDK-CGA2B2NP01H3R3C050BA Datasheet
131Kb / 1P
Automotive Grade ( High Temperature Application )
CGA2B2NP01H030C050BA TDK-CGA2B2NP01H030C050BA Datasheet
130Kb / 1P
Automotive Grade ( High Temperature Application )
CGA2B2NP01H080D050BA TDK-CGA2B2NP01H080D050BA Datasheet
130Kb / 1P
Automotive Grade ( High Temperature Application )
CGA2B2NP01H102J050BA TDK-CGA2B2NP01H102J050BA Datasheet
131Kb / 1P
Automotive Grade ( High Temperature Application )
CGA2B2NP01H181J050BA TDK-CGA2B2NP01H181J050BA Datasheet
131Kb / 1P
Automotive Grade ( High Temperature Application )
CGA2B2NP01H271J050BA TDK-CGA2B2NP01H271J050BA Datasheet
131Kb / 1P
Automotive Grade ( High Temperature Application )
CGA2B2NP01H330J050BA TDK-CGA2B2NP01H330J050BA Datasheet
130Kb / 1P
Automotive Grade ( High Temperature Application )
logo
Vishay Siliconix
IHLP-3232DZ-5A VISHAY-IHLP-3232DZ-5A_17 Datasheet
294Kb / 6P
Automotive Inductors, High Temperature
29-Sep-17
IHLP-6767GZ-5A VISHAY-IHLP-6767GZ-5A_17 Datasheet
316Kb / 6P
Automotive Inductors, High Temperature
03-Aug-17
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com