Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAN0004TP Datasheet(PDF) 1 Page - AVX Corporation

Part # CAN0004TP
Description  Communication BUS Varistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

CAN0004TP Datasheet(HTML) 1 Page - AVX Corporation

  CAN0004TP Datasheet HTML 1Page - AVX Corporation CAN0004TP Datasheet HTML 2Page - AVX Corporation CAN0004TP Datasheet HTML 3Page - AVX Corporation CAN0004TP Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
40
080216
Communication BUS Varistor
The CAN BUS and FlexRay varistor is a zinc oxide (ZnO) based ceramic semiconductor device
with non-linear voltage-current characteristics (bi-directional) similar to back-to-back Zener
diodes and an EMC capacitor in parallel (see equivalent circuit model). They have the added
advantage of greater current and energy handling capabilities as well as EMI/RFI attenuation.
Devices are fabricated by a ceramic sintering process that yields a structure of conductive ZnO
grains surrounded by electrically insulating barriers, creating varistor like behavior.
AVX Communication Bus Varistors offer the advantages of large in-rush current capability, low
capacitance to minimize signal distortion, fast turn on time to conservatively clamp the energy
before its maximum and off state EMI filtering through their bulk capacitance. These features
coupled with an extremely low FIT rate and excellent process capability make an ideal device for
today's automotive or general circuit protection.
HOW TO ORDER
CAN
Style
CAN = CAN BUS
FLX = FlexRay
0001
Case Size
0001 = 0603 Discrete
0002 = 0405 2-Element
0003 = 0405 2-Element
0004 = 0612 4-Element
0005 = 0402 Discrete
0006 = 0402 Discrete
0007 = 0603 Discrete
P
Termination
P = Ni/Sn
(Plated)
D
Packaging Code
(Reel Size)
D = 7" reel (1,000 pcs.)
R = 7" reel (4,000 pcs.)
T = 13" reel (10,000 pcs.)
W = 7" reel (10,000 pcs.) 0402 only
GENERAL DESCRIPTION
PERFORMANCE CHARACTERISTICS
AVX PN
VW (DC)
VW (AC)
VB
VC
IVC
IL
ET
IP
Cap
Freq
VJump
PDiss Max
Case
Elements
CAN0001 _ _
≤ 18
≤ 14
120
225
1
2
0.015
4
22 Max
M
27.5
0.003
0603
1
CAN0002 _ _
≤ 18
≤ 14
70
145
1
2
0.015
4
22 Max
M
27.5
0.003
0405
2
CAN0003 _ _
≤18
≤14
28.5
50
1
5
0.02
15
50 Max
M
27.5
0.0008
0405
2
CAN0004 _ _
≤ 18
≤ 14
100
180
1
2
0.015
4
22 Max
M
27.5
0.003
0612
4
CAN0005 _ _
≤ 18
≤ 14
33
55
1
2
0.05
10
37 Max
M
27.5
0.01
0402
1
CAN0006 _ _
≤18
≤14
26
45
1
5
0.02
4
17 Max
M
27.5
0.004
0402
1
CAN0007 _ _
≤ 32.0
≤ 25.0
61
120
1
5
0.05
5
15 Max
M
27.5
0.003
0603
1
FLX0005 _ _
≤ 18
≤ 14
26
45
1
5
0.02
4
17 Max
M
27.5
0.004
0402
1
Termination Finish Code
Packaging Code
VW (DC)
DC Working Voltage (V)
VW (AC)
AC Working Voltage (V)
VB
Typical Breakdown Voltage (V @ 1mA
DC )
V
C
Clamping Voltage (V @ I
VC)
I
VC
Test Current for V
C (A, 8x20μS)
I
L
Maximum Leakage Current at the Working Voltage (μA)
E
T
Transient Energy Rating (J, 10x1000μS)
I
P
Peak Current Rating (A, 8x20μS)
Cap
Maximum Capacitance (pF) @ 1 MHz and 0.5Vrms
Temp Range
-55ºC to +125ºC
GENERAL
CHARACTERISTICS
• Operting Teperature: -55°C to +125°C
• Working Voltage: ≤18Vdc
• Case Size: 0402, 0603
0405 2xArray
0612 4xArray
FEATURES
• Compact footprint
• High ESD capability (25kV)
• High Inrush Current (8x20μs)
• EMI/RFI Attenuation
• Low Capacitance/Low Insertion Loss
• Very Fast Response Time
• High Reliability <0.1 FIT
• AEC-Q200 Qualified
APPLICATIONS
• Communication Bus:
CAN Bus, FlexRay, etc.
• General I/O Protocols
• Keyboard Interfaces
• Datalines
• Sensors
• Capacitance sensitive applications
and more


Similar Part No. - CAN0004TP

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
CAN0004TP AVX-CAN0004TP Datasheet
266Kb / 2P
Communication BUS Varistor
More results

Similar Description - CAN0004TP

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
VR51B SHINDENGEN-VR51B Datasheet
125Kb / 1P
Varistor
VR61F1 SHINDENGEN-VR61F1 Datasheet
282Kb / 6P
Varistor
VRYA6 SHINDENGEN-VRYA6 Datasheet
321Kb / 7P
Varistor
logo
Ceramate Technical
GNR07DK CERAMATE-GNR07DK Datasheet
61Kb / 5P
VARISTOR
logo
List of Unclassifed Man...
NFV20D201K ETC-NFV20D201K Datasheet
61Kb / 5P
VARISTOR
logo
Ceramate Technical
GNR05D CERAMATE-GNR05D Datasheet
58Kb / 5P
VARISTOR
logo
Shindengen Electric Mfg...
VR-61F1 SHINDENGEN-VR-61F1 Datasheet
375Kb / 2P
Varistor
VRYA6 SHINDENGEN-VRYA6_10 Datasheet
399Kb / 2P
Varistor
logo
AVX Corporation
AVXCANBUS AVX-AVXCANBUS Datasheet
266Kb / 2P
Communication BUS Varistor
logo
PHOENIX CONTACT
2702921 PHOENIX-2702921 Datasheet
802Kb / 12P
Communication module - IB IL MP-BUS-PAC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com