Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT230XQ-R Datasheet(PDF) 11 Page - Future Technology Devices International Ltd.

Part # FT230XQ-R
Description  Future Technology Devices International Ltd.
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT230XQ-R Datasheet(HTML) 11 Page - Future Technology Devices International Ltd.

Back Button FT230XQ-R Datasheet HTML 7Page - Future Technology Devices International Ltd. FT230XQ-R Datasheet HTML 8Page - Future Technology Devices International Ltd. FT230XQ-R Datasheet HTML 9Page - Future Technology Devices International Ltd. FT230XQ-R Datasheet HTML 10Page - Future Technology Devices International Ltd. FT230XQ-R Datasheet HTML 11Page - Future Technology Devices International Ltd. FT230XQ-R Datasheet HTML 12Page - Future Technology Devices International Ltd. FT230XQ-R Datasheet HTML 13Page - Future Technology Devices International Ltd. FT230XQ-R Datasheet HTML 14Page - Future Technology Devices International Ltd. FT230XQ-R Datasheet HTML 15Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
Copyright © Future Technology Devices International Limited
11
FT230X USB TO BASIC UART IC
Version 1.4
Document No.: FT_000566 Clearance No.: FTDI# 260
3.3 CBUS Signal Options
The following options can be configured on the CBUS I/O pins. CBUS signal options are common to both
package versions of the FT230X. These options can be configured in the internal MTP memory using the
software utility FT_PROG or MPROG, which can be downloaded from the FTDI Utilities
(www.ftdichip.com). The default configuration is described in Section 8.
CBUS Signal
Option
Available On CBUS Pin
Description
TRI-STATE
CBUS0, CBUS1, CBUS2, CBUS3
IO Pad is tri-stated
DRIVE 1
CBUS0, CBUS1, CBUS2, CBUS3
Output a constant 1
DRIVE 0
CBUS0, CBUS1, CBUS2, CBUS3
Output a constant 0
TXDEN
CBUS0, CBUS1, CBUS2, CBUS3
Enable transmit data for RS485
PWREN#
CBUS0, CBUS1, CBUS2, CBUS3
Output is low after the device has been configured by
USB, then high during USB suspend mode. This output
can be used to control power to external logic P-Channel
logic level MOSFET switch. Enable the interface pull-down
option when using the PWREN# in this way.
TXLED#
CBUS0, CBUS1, CBUS2, CBUS3
Transmit data LED drive – pulses low when transmitting
data via USB. See Section 7.5 for more details.
RXLED#
CBUS0, CBUS1, CBUS2, CBUS3
Receive data LED drive – pulses low when receiving data
via USB. See Section 7.5 for more details.
TX&RXLED#
CBUS0, CBUS1, CBUS2, CBUS3
LED drive – pulses low when transmitting or receiving
data via USB. See Section 7.5 for more details.
SLEEP#
CBUS0, CBUS1, CBUS2, CBUS3
Goes low during USB suspend mode. Typically used to
power down an external TTL to RS232 level converter IC
in USB to RS232 converter designs.
CLK24MHz
CBUS0, CBUS1, CBUS2, CBUS3
24 MHz Clock output.*
CLK12MHz
CBUS0, CBUS1, CBUS2, CBUS3
12 MHz Clock output.*
CLK6MHz
CBUS0, CBUS1, CBUS2, CBUS3
6 MHz Clock output.*
GPIO
CBUS0, CBUS1, CBUS2, CBUS3
CBUS bit bang mode option. Allows up to 4 of the CBUS
pins to be used as general purpose I/O. Configured
individually for CBUS0, CBUS1, CBUS2 and CBUS3 in the
internal MTP
memory. A separate application note,
AN232R-01, available from FTDI website
(www.ftdichip.com) describes in more detail how to use
CBUS bit bang mode.
BCD Charger
CBUS0, CBUS1, CBUS2, CBUS3
Battery charge Detect, indicates when the device is
connected to a dedicated battery charger host. Active
high output.
BCD Charger#
CBUS0, CBUS1, CBUS2, CBUS3
Inverse of BCD Charger
BitBang_WR#
CBUS0, CBUS1, CBUS2, CBUS3
Synchronous and asynchronous bit bang mode WR#
strobe output.
BitBang_RD#
CBUS0, CBUS1, CBUS2, CBUS3
Synchronous and asynchronous bit bang mode RD#
strobe output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com