Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT231XS-R Datasheet(PDF) 10 Page - Future Technology Devices International Ltd.

Part # FT231XS-R
Description  Future Technology Devices International Ltd.
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT231XS-R Datasheet(HTML) 10 Page - Future Technology Devices International Ltd.

Back Button FT231XS-R Datasheet HTML 6Page - Future Technology Devices International Ltd. FT231XS-R Datasheet HTML 7Page - Future Technology Devices International Ltd. FT231XS-R Datasheet HTML 8Page - Future Technology Devices International Ltd. FT231XS-R Datasheet HTML 9Page - Future Technology Devices International Ltd. FT231XS-R Datasheet HTML 10Page - Future Technology Devices International Ltd. FT231XS-R Datasheet HTML 11Page - Future Technology Devices International Ltd. FT231XS-R Datasheet HTML 12Page - Future Technology Devices International Ltd. FT231XS-R Datasheet HTML 13Page - Future Technology Devices International Ltd. FT231XS-R Datasheet HTML 14Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
Copyright © 2013 Future Technology Devices International Limited
10
FT231X USB TO FULL HANDSHAKE UART IC
Datasheet
Version 1.2
Document No.: FT_000565 Clearance No.:
FTDI# 261
Pin No.
Name
Type
Description
20
TXD
Output
Transmit Asynchronous Data Output.
4
RXD
Input
Receiving Asynchronous Data Input.
2
RTS#
Output
Request to Send Control Output / Handshake Signal.
9
CTS#
Input
Clear To Send Control Input / Handshake Signal.
1
DTR#
Output
Data Terminal Ready Control Output / Handshake Signal.
7
DSR#
Input
Data Set Ready Control Input / Handshake Signal.
8
DCD#
Input
Data Carrier Detect Control Input.
5
RI#
Input
Ring Indicator input for remote wake up.
18
CBUS0
I/O
Configurable CBUS I/O Pin. Function of this pin is configured in the
device MTP memory. The default configuration is TXDEN. See CBUS
Signal Options, Table 3.7.
17
CBUS1
I/O
Configurable CBUS I/O Pin. Function of this pin is configured in the
device MTP memory. The default configuration is RXLED#. See CBUS
Signal Options, Table 3.7.
10
CBUS2
I/O
Configurable CBUS I/O Pin. Function of this pin is configured in the
device MTP memory. The default configuration is TXLED#. See CBUS
Signal Options, Table 3.7.
19
CBUS3
I/O
Configurable CBUS I/O Pin. Function of this pin is configured in the
device MTP memory. The default configuration is SLEEP#. See CBUS
Signal Options, Table 3.7.
Table 3.6 UART Interface and CBUS Group (see note 1)
Notes:
1
When used in Input Mode, the input pins are pulled to VCCIO via internal 75kΩ
(approx) resistors. These pins can be programmed to gently pull low during USB
suspend (PWREN# = “1”) by setting an option in the MTP memory.
3.3 CBUS Signal Options



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com