Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT313HL Datasheet(PDF) 7 Page - Future Technology Devices International Ltd.

Part # FT313HL
Description  USB2.0 HS Embedded Host Controller
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT313HL Datasheet(HTML) 7 Page - Future Technology Devices International Ltd.

Back Button FT313HL Datasheet HTML 3Page - Future Technology Devices International Ltd. FT313HL Datasheet HTML 4Page - Future Technology Devices International Ltd. FT313HL Datasheet HTML 5Page - Future Technology Devices International Ltd. FT313HL Datasheet HTML 6Page - Future Technology Devices International Ltd. FT313HL Datasheet HTML 7Page - Future Technology Devices International Ltd. FT313HL Datasheet HTML 8Page - Future Technology Devices International Ltd. FT313HL Datasheet HTML 9Page - Future Technology Devices International Ltd. FT313HL Datasheet HTML 10Page - Future Technology Devices International Ltd. FT313HL Datasheet HTML 11Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 67 page
background image
Copyright © 2013 Future Technology Devices International Limited
7
Document No.: FT_000589
FT313H USB2.0 HS Host Controller Datasheet Version 1.2
Clearance No.: FTDI# 318
3 Device Pin Out and Signal Description
3.1 Pin Out – 64pin QFN
2
1
4
3
5
7
6
8
9
11
10
12
AD3
VCC(I/O)
AD4
AD5
AD6
AD7
AD8
AD9
13
15
14
16
AGND
AD0
AD1
AD2
AD10
AD11
VCC(I/O)
AD12
43
44
41
42
40
38
39
37
36
34
35
33
47
48
45
46
A6
A7
DREQ
ALE/ADV_N
CLE
RESET_N
FREQSEL1
FREQSEL2
AGND
X1/CLKIN
X2
VOUT(1V2)
AGND
PSW_N
FTDI
XXXXXXXXXX
FT313HQ
YYWW-B
VCC(I/O)
DACK
Figure 3-1 Pin Configuration QFN64 (top-down view)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com