Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT4232HL Datasheet(PDF) 21 Page - Future Technology Devices International Ltd.

Part # FT4232HL
Description  Quad High Speed USB to Multipurpose UART/MPSSE IC
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT4232HL Datasheet(HTML) 21 Page - Future Technology Devices International Ltd.

Back Button FT4232HL Datasheet HTML 17Page - Future Technology Devices International Ltd. FT4232HL Datasheet HTML 18Page - Future Technology Devices International Ltd. FT4232HL Datasheet HTML 19Page - Future Technology Devices International Ltd. FT4232HL Datasheet HTML 20Page - Future Technology Devices International Ltd. FT4232HL Datasheet HTML 21Page - Future Technology Devices International Ltd. FT4232HL Datasheet HTML 22Page - Future Technology Devices International Ltd. FT4232HL Datasheet HTML 23Page - Future Technology Devices International Ltd. FT4232HL Datasheet HTML 24Page - Future Technology Devices International Ltd. FT4232HL Datasheet HTML 25Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 55 page
background image
Copyright © Future Technology Devices International Limited
21
FT4232H QUAD HIGH SPEED USB TO MULTIPURPOSE UART/MPSSE IC
Datasheet
Version 2.4
Document No.: FT_000060 Clearance No.: FTDI#78
Dual Port FIFO RX Buffer (2Kbytes per channel). Data from the Multi-purpose UART/FIFO controllers
is stored in these blocks to be sent back to the Host PC when requested. This is controlled by the USB
Protocol Engine and FIFO control block.
RESET Generator - The integrated Reset Generator Cell provides a reliable power-on reset to the device
internal circuitry at power up. The RESET# input pin allows an external device to reset the FT4232H.
RESET# should be tied to VCCIO (+3.3v) if not being used.
Independent Baud Rate Generators - The Baud Rate Generators provides an x16 or an x10 clock input
to the UART’s from a 120MHz reference clock and consists of a 14 bit pre-scaler and 4 register bits which
provide fine tuning of the baud rate (used to divide by a number plus a fraction). This determines the Baud
Rate of the UART which is programmable from 183 baud to 12 million baud. The FT2232H does not support
the baud rates of 7 Mbaud 9 Mbaud, 10 Mbaud and 11 Mbaud.
See FTDI application note AN232B-05 on the FTDI website (www.ftdichip.com) for more details.
+1.8V LDO Regulator. The +1.8V LDO regulator generates the +1.8 volts for the core and the USB
transceiver cell. Its input (VREGIN) must be connected to a +3.3V external power source. It is also
recommended to add an external filtering capacitor to the VREGIN. There is no direct connection from the
+1.8V output (VREGOUT) and the internal functions of the FT4232H. The PCB must be routed to connect
VREGOUT to the pins that require the +1.8V including VREGIN.
UTMI PHY. The Universal Transceiver Macrocell Interface (UTMI) physical interface cell. This block handles
the Full speed / High Speed SERDES (serialise – de-serialise) function for the USB TX/RX data. It also
provides the clocks for the rest of the chip. A 12 MHz crystal should be connected to the OSCI and OSCO
pins. A 12K Ohm resistor should be connected between REF and GND on the PCB.
The UTMI PHY functions include:
Supports 480 Mbit/s "High Speed" (HS)/ 12 Mbit/s “Full Speed” (FS), FS Only and "Low Speed"
(LS).
SYNC/EOP generation and checking.
Data and clock recovery from serial stream on the USB.
Bit-stuffing/unstuffing; bit stuff error detection.
Manages USB Resume, Wake Up and Suspend functions.
Single parallel data clock output with on-chip PLL to generate higher speed serial data clocks.
EEPROM Interface. When used without an external EEPROM the FT4232H defaults to a quad USB to an
asynchronous serial port device. Adding an external 93C46 (93C56 or 93C66) EEPROM allows
customization of USB VID, PID, Serial Number, Product Description Strings and Power Descriptor value of
the FT4232H for OEM applications. Other parameters controlled by the EEPROM include Remote Wake Up,
Soft Pull Down on Power-Off and I/O pin drive strength.
The EEPROM must be a 16 bit wide configuration such as a Microchip 93LC46B or equivalent capable of a
1Mbit/s clock rate at VCC = +3.00V to 3.6V. The EEPROM is programmable in-circuit over USB using a
utility program called FT_PROG available from FTDI’s web site (www.ftdichip.com). This allows a blank
part to be soldered onto the PCB and programmed as part of the manufacturing and test process.
If no EEPROM is connected (or the EEPROM is blank), the FT4232H will default to serial ports. The device
uses its built-in default VID (0403), PID (6011) Product Description and Power Descriptor Value. In this
case, the device will not have a serial number as part of the USB descriptor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com