Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB-RS232-CC-LLLL-CU-PWR Datasheet(PDF) 6 Page - Future Technology Devices International Ltd.

Part # USB-RS232-CC-LLLL-CU-PWR
Description  Serial Converter Range of Cables
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

USB-RS232-CC-LLLL-CU-PWR Datasheet(HTML) 6 Page - Future Technology Devices International Ltd.

Back Button USB-RS232-CC-LLLL-CU-PWR Datasheet HTML 2Page - Future Technology Devices International Ltd. USB-RS232-CC-LLLL-CU-PWR Datasheet HTML 3Page - Future Technology Devices International Ltd. USB-RS232-CC-LLLL-CU-PWR Datasheet HTML 4Page - Future Technology Devices International Ltd. USB-RS232-CC-LLLL-CU-PWR Datasheet HTML 5Page - Future Technology Devices International Ltd. USB-RS232-CC-LLLL-CU-PWR Datasheet HTML 6Page - Future Technology Devices International Ltd. USB-RS232-CC-LLLL-CU-PWR Datasheet HTML 7Page - Future Technology Devices International Ltd. USB-RS232-CC-LLLL-CU-PWR Datasheet HTML 8Page - Future Technology Devices International Ltd. USB-RS232-CC-LLLL-CU-PWR Datasheet HTML 9Page - Future Technology Devices International Ltd. USB-RS232-CC-LLLL-CU-PWR Datasheet HTML 10Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Copyright © 2010 Future Technology Devices International Limited
5
Document Reference No.: FT_000077
USB TO RS232 SERIAL CONVERTER RANGE OF CABLES Datasheet Version 1.3
Clearance No.: FTDI# 51
3.2 Features
USB-RS232 converter cable provides a USB to
RS232 serial interface with customised end
connectors.
Entire USB protocol handled by the electronics
in the cable USB.
EIA/TIA-232 and V.28/V.24 communication
interface with low power requirements.
UART interface support for 7 or 8 data bits, 1
or 2 stop bits and odd / even / mark / space /
no parity.
Internal EEPROM with user writeable area.
FTDI’s royalty-free VCP allow for
communication as a standard emulated COM
port and D2XX ‘direct’ drivers provide DLL
application programming interface.
Visual indication of Tx and Rx traffic via LEDs in
the transparent USB connector.
Fully assisted hardware (RTS#/CTS#) or X-On
/ X-Off software handshaking.
Data transfer rates from 300 baud to 1 Mbaud.
Support for FT232R FTDIChip-ID™ feature for
improved security.
Low USB bandwidth consumption.
UHCI / OHCI / EHCI host controller compatible.
USB 2.0 Full Speed compatible.
-40°C to +85°C operating temperature range.
Cable length is 1.80m (6 feet).
ESD Protection for RS-232 I/O's
±15kV Human Body Model (HBM)
±15kV EN61000-4-2 Air Gap Discharge
±8kV EN61000-4-2 Contact Discharge
FCC and CE compliant.
Custom versions available on request (subject
to MOQ).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com