Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IOBUS1 Datasheet(PDF) 24 Page - Future Technology Devices International Ltd.

Part # IOBUS1
Description  Vinculum-II Embedded Dual USB Host Controller IC
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

IOBUS1 Datasheet(HTML) 24 Page - Future Technology Devices International Ltd.

Back Button IOBUS1 Datasheet HTML 20Page - Future Technology Devices International Ltd. IOBUS1 Datasheet HTML 21Page - Future Technology Devices International Ltd. IOBUS1 Datasheet HTML 22Page - Future Technology Devices International Ltd. IOBUS1 Datasheet HTML 23Page - Future Technology Devices International Ltd. IOBUS1 Datasheet HTML 24Page - Future Technology Devices International Ltd. IOBUS1 Datasheet HTML 25Page - Future Technology Devices International Ltd. IOBUS1 Datasheet HTML 26Page - Future Technology Devices International Ltd. IOBUS1 Datasheet HTML 27Page - Future Technology Devices International Ltd. IOBUS1 Datasheet HTML 28Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 88 page
background image
24
C opyright © Future T ec hnology Devic es I nternational Limited
Datasheet
Vinculum-II Embedded Dual USB Host Controller IC
V ers ion 1 .7
Doc ument N o.: FT _000138 C learance N o.: FT DI# 1 43
5 I/O Multiplexer
FTDI devices typically have multiple interfaces available to communicate with external devices. VNC2 has
UART, SPI slave0, SPI slave1, SPI master, FIFO, GPIO, and PWM peripherals. The available packages for
VNC2 provide any of these interfaces to be active on the available pins through the use of an I/O
Multiplexer. Table 5.1 lists the signals available for each peripheral. Table 5.2 to 12 explain the use of
the I/O multiplexer.
Multiplexers are used to connect the VNC2 peripherals to the external IOBUS pins. This enables the
designer to select which IOBUS pins he wishes to map a particular peripheral to. Peripheral signals are
allocated to one of four groups, which connect to the I/O multiplexer. Each I/O peripheral signal can
connect to one out of every four external IOBUS pins. The IOBUS pin that a peripheral signal can connect
to is dictated by the peripheral signal’s group. For example, if a peripheral signal is allocated to group 0
then it can connect to IOBUS0, IOBUS4, IOBUS8, and IOBUS12 and so on. If a peripheral signal is
allocated to group 1 then it can connect to IOBUS1, IOBUS5, IOBUS9, and IOBUS13 and so on. Figure
5.1 details the I/O multiplexer concept, where, for example, a white peripheral signal can connect to any
white IOBUS pin; a green peripheral signal can connect to a green IOBUS pin. Figure 5.2, Figure 5.3 and
Figure 5.4 give examples of connecting peripheral signals to differing IOBUS pins.
The IO Multiplexer also provides the following features:
Ability to configure an I/O pad as an input, output or bidirectional pad.
At power on reset, all pins are set as inputs by default. Whenever the I/O Mux is enabled the pins
are configured as their default values listed Table 6 within section 3.12.
Note: It is recommended not to reassign the debug interface signal (debug_if) from its default
setting of IOBUS0 (Pin 11 on all packages). This assumes that the debug pin is required in the
application design, if not; pin 11 can be assigned to any other group 0 signal.
An application (IOMUX) within the RTOS is available to aid with pin configuration, Section 5.2 has more
details.
Further details of the IO Multiplexer are available within Application Note AN_139 Vinculum-II IO Mux
Explained.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com