Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT51AL-R Datasheet(PDF) 1 Page - Future Technology Devices International Ltd.

Part # FT51AL-R
Description  Advanced Microcontroller with 8051 Compatible Core
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT51AL-R Datasheet(HTML) 1 Page - Future Technology Devices International Ltd.

  FT51AL-R Datasheet HTML 1Page - Future Technology Devices International Ltd. FT51AL-R Datasheet HTML 2Page - Future Technology Devices International Ltd. FT51AL-R Datasheet HTML 3Page - Future Technology Devices International Ltd. FT51AL-R Datasheet HTML 4Page - Future Technology Devices International Ltd. FT51AL-R Datasheet HTML 5Page - Future Technology Devices International Ltd. FT51AL-R Datasheet HTML 6Page - Future Technology Devices International Ltd. FT51AL-R Datasheet HTML 7Page - Future Technology Devices International Ltd. FT51AL-R Datasheet HTML 8Page - Future Technology Devices International Ltd. FT51AL-R Datasheet HTML 9Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
Copyright © Future Technology Devices International Limited
1
FT51A Advanced MCU with 8051 Compatible Core IC Datasheet
Version 1.5
Doc ument N o.: FT _000877
C learance N o.: FT DI#420
Future Technology Devices
International Ltd.
FT51A
(Advanced Microcontroller with 8051
Compatible Core)
The FT51A is a multi-featured device that can be
targeted at
a wide range of functions or
applications:
Industry compatible 8051 core running at a
maximum frequency of 48MHz.
8 KB of data memory
16 KB of multi-time programmable (MTP) memory
16 KB of shadow memory for fast read access by
the core.
USB 2.0 Full Speed hub controller allowing
cascading of multiple FT51A devices
USB 2.0 Full Speed device controller compatible to
FT12 series
Supports up to 8 bi-directional endpoints with 2 x
1 KB USB endpoint buffers
Max packet size is 504 bytes for USB isochronous
endpoint and 64 bytes for control / bulk / interrupt
endpoint
Double buffer scheme for any endpoint, increases
data transfer throughput
Fully integrated clock generation with no external
crystal required
Data transfer rates from 300 baud to 3M baud
(RS422, RS485, and RS232) at TTL levels
PWM Controller
UART interface support for 7 or 8 data bits, 1 or 2
stop bits and odd / even / mark / space / no parity
USB Battery Charger Detection allowing optimized
charging profile
Supports DMA operation
I2C Master & Slave functionality
SPI Master & Slave functionality
245 FIFO module provides a simple FIFO interface
to transmit and receive data
Timer and Watchdog
Up to 16 dedicated digital IO pins
Up to 16 multiplexed analogue / digital IO pins
Support ADC function on analogue IO pins
IO Mux control for maximum flexibility in pin
selection
Configurable IO pin output drive strength; 4 mA
(min) and 16 mA (max)
+5V Single Supply Operation
Internal 3.3V/1.8V voltage regulators
Integrated power-on-reset circuit
Low operating and suspend current; 20 mA
(active) and 150 uA (suspend)
Extended operating temperature range; -40 to
85⁰C
Available in compact Pb-free, RoHS compliant
packages:
•
48-pin WQFN
•
44-pin LQFP
•
32-pin WQFN
•
28-pin SSOP
N either the whole nor any part of the information c ontained in, or the produc t des c ribed in this manual, may be adapted or re produc ed in any
material or elec tronic form without the prior written c ons ent of the c opyright holder. T his product and its doc umentation are s up plied on an as-is
bas is and no warranty as to their s uitability for any partic ular purpose is either made or implied. Future T ec hno logy Devic es I nternational Ltd
will not ac c ept any c laim for damages hows oever aris ing as a res ult of us e or failure of this produc t. Y our s tatutory rights are not affec ted. T his
produc t or any variant of it is not intended for us e in any medic al applianc e , devic e or s ys tem in whic h the failure of the produc t might
reas onably be expected to res ult in pers onal injury. T his doc ument provides preliminary information that may be s ubjec t to c h ange without
notic e. N o freedom to us e patents or other intellectual p roperty rights is implied by the public ation of this doc ument. Future T echnology Devices
I nternational Ltd, U nit 1 , 2 Seaward P lace, C enturion Business P ark, Glasgow G4 1 1 HH U nited Kingdom. Sc otland Registered Company N umber:
SC 1 3 6 6 4 0


Similar Part No. - FT51AL-R

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
FT51AL-R FTDI-FT51AL-R Datasheet
1Mb / 43P
Supports DMA operation
More results

Similar Description - FT51AL-R

ManufacturerPart #DatasheetDescription
logo
Winbond
W79E648 WINBOND-W79E648 Datasheet
407Kb / 80P
Fast 8051 Compatible microcontroller with a redesigned Processor
logo
ATMEL Corporation
AT89LP51RD2 ATMEL-AT89LP51RD2_14 Datasheet
5Mb / 26P
8-bit Microcontroller Compatible with 8051 Products
AT89LP51ED2 ATMEL-AT89LP51ED2_14 Datasheet
809Kb / 26P
8-bit Microcontroller Compatible with 8051 Products
AT89LP51ID2 ATMEL-AT89LP51ID2_14 Datasheet
809Kb / 26P
8-bit Microcontroller Compatible with 8051 Products
AT89LP51IC2 ATMEL-AT89LP51IC2_14 Datasheet
7Mb / 254P
8-bit Microcontroller Compatible with 8051 Products
AT89LP51 ATMEL-AT89LP51_14 Datasheet
4Mb / 117P
8-bit Microcontroller Compatible with 8051 Products
AT89LP51RB2 ATMEL-AT89LP51RB2_14 Datasheet
7Mb / 254P
8-bit Microcontroller Compatible with 8051 Products
AT89LP51RD2 ATMEL-AT89LP51RD2_14 Datasheet
809Kb / 26P
8-bit Microcontroller Compatible with 8051 Products
AT89LP51RC2 ATMEL-AT89LP51RC2_14 Datasheet
7Mb / 254P
8-bit Microcontroller Compatible with 8051 Products
AT89LP52 ATMEL-AT89LP52_14 Datasheet
4Mb / 117P
8-bit Microcontroller Compatible with 8051 Products
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com