Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7133 Datasheet(PDF) 18 Page - Vitesse Semiconductor Corporation

Part # VSC7133
Description  10-bit Transceiver for Fibre Channel and Gigabit Ethernet
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7133 Datasheet(HTML) 18 Page - Vitesse Semiconductor Corporation

Back Button VSC7133 Datasheet HTML 10Page - Vitesse Semiconductor Corporation VSC7133 Datasheet HTML 11Page - Vitesse Semiconductor Corporation VSC7133 Datasheet HTML 12Page - Vitesse Semiconductor Corporation VSC7133 Datasheet HTML 13Page - Vitesse Semiconductor Corporation VSC7133 Datasheet HTML 14Page - Vitesse Semiconductor Corporation VSC7133 Datasheet HTML 15Page - Vitesse Semiconductor Corporation VSC7133 Datasheet HTML 16Page - Vitesse Semiconductor Corporation VSC7133 Datasheet HTML 17Page - Vitesse Semiconductor Corporation VSC7133 Datasheet HTML 18Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 18 / 18 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Advance Product Information
VSC7133
10-bit Transceiver for Fibre
Channel and Gigabit Ethernet
Page 18
© VITESSE SEMICONDUCTOR CORPORATION
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
1/17/00
G52187-0 Rev. 2.4
Ordering Information
The part number for this product is formed by a combination of the device number and the package style:
VSC7133QU
Device Type:
VSC7133: 10-bit Transceiver
Package Style (64-pin)
QU: 10mm PQFP
Marking Information
The package is marked with three lines of text as shown below.
Figure 11: Package Marking Information
Notice
This document contains information about a product during its fabrication or early sampling phase of devel-
opment. The information contained in the document is based on design targets, simulation results or early proto-
type test results. Characteristic data and other specifications are subject to change without notice. Therefore the
reader is cautioned to confirm that this datasheet is current prior to design or order placement.
Warning
Vitesse Semiconductor Corporation’s product are not intended for use in life support appliances, devices or
systems. Use of a Vitesse product in such applications without written consent is prohibited.
VITESSE
VSC7133QU
####AAAA
Part Number
Date Code
Package Suffix
Lot Tracking Code
Pin 1 Identifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com