Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC661IM Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LPC661IM
Description  Low Power CMOS Operational Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LPC661IM Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LPC661IM Datasheet HTML 2Page - National Semiconductor (TI) LPC661IM Datasheet HTML 3Page - National Semiconductor (TI) LPC661IM Datasheet HTML 4Page - National Semiconductor (TI) LPC661IM Datasheet HTML 5Page - National Semiconductor (TI) LPC661IM Datasheet HTML 6Page - National Semiconductor (TI) LPC661IM Datasheet HTML 7Page - National Semiconductor (TI) LPC661IM Datasheet HTML 8Page - National Semiconductor (TI) LPC661IM Datasheet HTML 9Page - National Semiconductor (TI) LPC661IM Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Typical Performance Characteristics V
S = ±7.5V, TA = 25˚C unless otherwise specified (Continued)
Inverting Slew Rate
vs Temperature
DS011227-41
Large-Signal Pulse
Non-Inverting Response
(A
V = +1)
DS011227-42
Non-Inverting Small
Signal Pulse Response
(A
V = +1)
DS011227-43
Inverting Large-Signal
Pulse Response
DS011227-44
Inverting Small-Signal
Pulse Response
DS011227-45
Stability vs Capacitive Load
DS011227-4
Note: Avoid resistive loads of less than 500
Ω, as they may cause
instability.
Stability vs Capacitive Load
DS011227-5
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com