Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC660AIN Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LPC660AIN
Description  Low Power CMOS Quad Operational Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LPC660AIN Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LPC660AIN Datasheet HTML 7Page - National Semiconductor (TI) LPC660AIN Datasheet HTML 8Page - National Semiconductor (TI) LPC660AIN Datasheet HTML 9Page - National Semiconductor (TI) LPC660AIN Datasheet HTML 10Page - National Semiconductor (TI) LPC660AIN Datasheet HTML 11Page - National Semiconductor (TI) LPC660AIN Datasheet HTML 12Page - National Semiconductor (TI) LPC660AIN Datasheet HTML 13Page - National Semiconductor (TI) LPC660AIN Datasheet HTML 14Page - National Semiconductor (TI) LPC660AIN Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
Application Hints (Continued)
BIAS CURRENT TESTING
The test method of
Figure 7 is appropriate for bench-testing
bias current with reasonable accuracy. To understand its op-
eration, first close switch S2 momentarily. When S2 is
opened, then
A suitable capacitor for C2 would be a 5 pF or 10 pF silver
mica, NPO ceramic, or air-dielectric. When determining the
magnitude of I
−, the leakage of the capacitor and socket
must be taken into account. Switch S2 should be left shorted
most of the time, or else the dielectric absorption of the ca-
pacitor C2 could cause errors.
Similarly, if S1 is shorted momentarily (while leaving S2
shorted)
where C
x is the stray capacitance at the + input.
Typical Single-Supply Applications (V+ = 5.0 V
DC)
DS010547-24
(Input pins are lifted out of PC board and soldered directly to components.
All other pins connected to PC board.)
FIGURE 6. Air Wiring
DS010547-25
FIGURE 7. Simple Input Bias Current Test Circuit
Photodiode Current-to-Voltage Converter
DS010547-17
Note: A 5V bias on the photodiode can cut its capacitance by a factor of 2
or 3, leading to improved response and lower noise. However, this bias on
the photodiode will cause photodiode leakage (also known as its dark
current).
Micropower Current Source
DS010547-18
Note: (Upper limit of output range dictated by input common-mode range;
lower limit dictated by minimum current requirement of LM385.)
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com