Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS103C104KQX4A Datasheet(PDF) 1 Page - AVX Corporation

Part # FS103C104KQX4A
Description  For Ultra Safety Critical Applications
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

FS103C104KQX4A Datasheet(HTML) 1 Page - AVX Corporation

  FS103C104KQX4A Datasheet HTML 1Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
061416
FLEXISAFE MLC Chips
For Ultra Safety Critical Applications
AVX have developed a range of components specifically for safety critical
applications.
Utilizing the award-winning FLEXITERM™ layer in conjunction with the
cascade design previously used for high voltage MLCCs, a range of
ceramic capacitors is now available for customers who require
components designed with an industry leading set of safety features.
The FLEXITERM™ layer protects the component from any damage to the
ceramic resulting from mechanical stress during PCB assembly or use
with end customers. Board flexure type mechanical damage accounts for
the majority of MLCC failures. The addition of the cascade structure
protects the component from low insulation resistance failure resulting
from other common causes for failure; thermal stress damage, repetitive
strike ESD damage and placement damage. With the inclusion of the
cascade design structure to complement the FLEXITERM™ layer, the
FLEXISAFE range of capacitors has unbeatable safety features.
FS03
Size
FS03 = 0603
FS05 = 0805
FS06 = 1206
FS10 = 1210
5
Voltage
16V = Y
25V = 3
50V = 5
100V = 1
C
Dielectric
X7R = C
104
Capacitance
Code (In pF)
2 Sig. Digits +
Number of
Zeros
e.g. 10µF =106
K
Capacitance
Tolerance
J = ±5%
K = ±10%
M = ±20%
HOW TO ORDER
Q
Failure
Rate
A = Commercial
4 = Automotive
Q = APS
Z
Terminations
Z = FLEXITERMTM
*X = FLEXITERMTM
with 5% min lead
*Not RoHS Compliant
2
Packaging
2 = 7" Reel
4 = 13" Reel
A
Special
Code
A = Std. Product
FLEXISAFE X7R RANGE
Capacitance
FS03 = 0603
FS05 = 0805
FS06 = 1206
FS10 = 1210
Code
Soldering
Reflow/Wave
Reflow/Wave
Reflow/Wave
Reflow Only
16
25
50
100
16
25
50
100
16
25
50
16
25
50
102
µF 0.001
182
0.0018
222
0.0022
332
0.0033
472
0.0047
103
0.01
123
0.012
153
0.015
183
0.018
223
0.022
273
0.027
333
0.033
473
0.047
563
0.056
683
0.068
823
0.082
104
0.1
124
0.12
154
0.15
224
0.22
334
0.33
474
0.47
Qualified


Similar Part No. - FS103C104KQX4A

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
FS10 XPPOWER-FS10 Datasheet
685Kb / 9P
ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
logo
List of Unclassifed Man...
FS10-110 ETC2-FS10-110 Datasheet
136Kb / 2P
Power Transformers
logo
TRIAD MAGNETICS
FS10-110 TRIAD-FS10-110 Datasheet
87Kb / 1P
PC MOUNT:SPLIT PACK
FS10-110-C2 TRIAD-FS10-110-C2 Datasheet
56Kb / 1P
CLASS 2 TRANSFORMER
FS10-1200 TRIAD-FS10-1200 Datasheet
44Kb / 1P
FS10-1200
More results

Similar Description - FS103C104KQX4A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65381-Q1 TI1-TPS65381-Q1 Datasheet
634Kb / 63P
Multi-Rail Power Supply for Microcontrollers in Safety-Critical Applications
logo
Coilcraft lnc.
ST312PHA COILCRAFT-ST312PHA Datasheet
462Kb / 2P
Power Inductor for Critical Applications
ST358PWA COILCRAFT-ST358PWA Datasheet
258Kb / 2P
Power Inductor for Critical Applications
ST413PHA COILCRAFT-ST413PHA Datasheet
455Kb / 2P
Power Inductor for Critical Applications
ST413RAA COILCRAFT-ST413RAA Datasheet
229Kb / 2P
Chip Inductors for Critical Applications
ST413RAD COILCRAFT-ST413RAD Datasheet
176Kb / 2P
Chip Inductors for Critical Applications
ST413RAE COILCRAFT-ST413RAE Datasheet
186Kb / 2P
Chip Inductors for Critical Applications
ST466PJD COILCRAFT-ST466PJD Datasheet
377Kb / 3P
Coupled Inductors for Critical Applications
ST512PJD COILCRAFT-ST512PJD Datasheet
335Kb / 3P
Coupled Inductors for Critical Applications
logo
Allegro MicroSystems
A1342 ALLEGRO-A1342 Datasheet
1Mb / 48P
Programmable Linear Hall IC with Advanced Diagnostics for Safety-Critical Applications
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com