Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFD113 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # IRFD113
Description  Power MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IRFD113 Datasheet(HTML) 1 Page - Vishay Siliconix

  IRFD113 Datasheet HTML 1Page - Vishay Siliconix IRFD113 Datasheet HTML 2Page - Vishay Siliconix IRFD113 Datasheet HTML 3Page - Vishay Siliconix IRFD113 Datasheet HTML 4Page - Vishay Siliconix IRFD113 Datasheet HTML 5Page - Vishay Siliconix IRFD113 Datasheet HTML 6Page - Vishay Siliconix IRFD113 Datasheet HTML 7Page - Vishay Siliconix IRFD113 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
IRFD113, SiHFD113
www.vishay.com
Vishay Siliconix
S11-2479-Rev. A, 19-Dec-11
1
Document Number: 91487
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Power MOSFET
FEATURES
• For Automatic Insertion
• Compact Plastic Package
•End Stackable
• Fast Switching
• Low Drive Current
• Easily Paralleled
• Excellent Temperature Stability
• Compliant to RoHS Directive 2002/95/EC
Note
* Pb containing terminations are not RoHS compliant, exemptions
may apply
DESCRIPTION
The HVMDIP technology is the key to Vishay’s advanced
line of power MOSFET transistors. The efficient geometry
and unique processing of the HVMDIP design achieves
very
low
on-state
resistance
combined
with
high
transconductance
and
extreme
device
ruggedness.
HVMDIPs feature all of the established advantages of
MOSFETs such as voltage control, very fast switching, ease
of paralleling, and temperature stability of the electrical
parameters.
The HVMDIP 4 pin, dual-in-line package brings the
advantages of HVMDIPs to high volume applications where
automatic PC board insertion is desireable, such as circuit
boards
for
computers,
printers,
telecommunications
equipment, and consumer products. Their compatibility with
automatic
insertion
equipment,
low-profile
and
end
stackable features represent the stat-of-the-art in power
device packaging.
Notes
a. TJ = 25 °C to 150 °C
b. Repetitive rating; pulse width limited by maximum junction temperature.
c. 1.6 mm from case.
PRODUCT SUMMARY
VDS (V)
60
RDS(on) (
Ω)VGS = 10 V
0.8
Qg (Max.) (nC)
7
Qgs (nC)
2
Qgd (nC)
7
Configuration
Single
N-Channel MOSFET
G
D
S
HVMDIP
D
S
G
ORDERING INFORMATION
Package
HVMDIP
Lead (Pb)-free
IRFD113PbF
SiHFD113-E3
ABSOLUTE MAXIMUM RATINGS (TC = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
LIMIT
UNIT
Drain-Source Voltagea
VDS
60
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current
VGS at 10 V
TC = 25 °C
ID
0.8
A
Pulsed Drain Currentb
IDM
6.4
Linear Derating Factor
0.008
W/°C
Inductive Current, Clamped
L = 100 μH
ILM
6.4
A
Maximum Power Dissipation
TC = 25 °C
PD
1.0
W
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to + 150
°C
Soldering Recommendations (Peak Temperature)
for 10 s
300c


Similar Part No. - IRFD113

ManufacturerPart #DatasheetDescription
logo
GE Solid State
IRFD113 GESS-IRFD113 Datasheet
112Kb / 2P
POWER-MOSFET FIELD EFFECT POWER TRANSISTOR
logo
Vishay Siliconix
IRFD113 VISHAY-IRFD113 Datasheet
253Kb / 8P
Power MOSFET
30-Aug-2021
IRFD113PBF VISHAY-IRFD113PBF Datasheet
253Kb / 8P
Power MOSFET
30-Aug-2021
IRFD113 VISHAY-IRFD113_V01 Datasheet
253Kb / 8P
Power MOSFET
30-Aug-2021
More results

Similar Description - IRFD113

ManufacturerPart #DatasheetDescription
logo
AUK corp
STK730P AUK-STK730P Datasheet
398Kb / 8P
Power MOSFET
logo
Torex Semiconductor
XP131A1145SR TOREX-XP131A1145SR_1 Datasheet
427Kb / 5P
Power MOSFET
XP131A1715SR TOREX-XP131A1715SR_1 Datasheet
439Kb / 5P
Power MOSFET
XP132A1635SR TOREX-XP132A1635SR_1 Datasheet
447Kb / 5P
Power MOSFET
logo
Vishay Siliconix
IRF9Z14S VISHAY-IRF9Z14S Datasheet
2Mb / 8P
Power MOSFET
02-Jun-08
IRF630 VISHAY-IRF630 Datasheet
579Kb / 8P
Power MOSFET
21-Mar-11
IRF634N VISHAY-IRF634N Datasheet
162Kb / 8P
Power MOSFET
19-Jun-08
IRF710 VISHAY-IRF710 Datasheet
1,019Kb / 8P
Power MOSFET
30-May-08
logo
ON Semiconductor
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com