Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N4861 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # 2N4861
Description  N-CHANNEL J-FET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N4861 Datasheet(HTML) 1 Page - Microsemi Corporation

  2N4861 Datasheet HTML 1Page - Microsemi Corporation 2N4861 Datasheet HTML 2Page - Microsemi Corporation 2N4861 Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TECHNICAL DATA
N-CHANNEL J-FET
Qualified per MIL-PRF-19500/385
Devices
Qualified Level
2N4856
2N4857
2N4858
2N4859
2N4860
2N4861
JAN
JANTX
JANTXV
ABSOLUTE MAXIMUM RATINGS (TC = +25
0C unless otherwise noted)
Parameters / Test Conditions
Symbol
2N4856
2N4857
2N4858
2N4859
2N4860
2N4861
Unit
Gate-Source Voltage
VGS
-40
-30
V
Drain-Source Voltage
VDS
40
30
V
Drain-Gate Voltage
VDG
40
30
V
Gate Current
IG
50
mA
Power Dissipation
TA = +25
0C (1)
TC = +25
0C (2)
PT
0.36
1.8
W
W
Operating Junction & Storage Temperature Range
Tj, Tstg
-65 to +200
0C
(1) Derate linearly 2.06 mW/
0C for T
A > 25
0C.
(2) Derate linearly 10.3 mW/
0C for T
C > 25
0C.
TO-18*
(TO-206AA)
*See appendix A for
package outline
ELECTRICAL CHARACTERISTICS (TC = 25
0C unless otherwise noted)
Parameters / Test Conditions
Symbol
Min.
Max.
Units
Gate-Source Breakdown Voltage
VDS = 0, IG = 1.0
µAdc
2N4856, 2N4857, 2N4858
2N4859, 2N4860, 2N4861
V(BR)GSS
-40
-30
Vdc
Gate-Source “Off” State Voltage
VDS = 15 Vdc, ID = 0.5
ηAdc
2N4856, 2N4859
2N4857, 2N4860
2N4858, 2N4861
VGS(on)
-4.0
-2.0
-0.8
-10
-6.0
-4.0
Vdc
Gate Reverse Current
VDS = 0, VGS = -20 Vdc
2N4856, 2N4857, 2N4858
VDS = 0, VGS = -15 Vdc
2N4859, 2N4860, 2N4861
IGSS
-0.25
-0.25
ηA
Drain Current
VGS = -10 Vds, VDS = 15 Vdc
ID(off)
0.25
ηA
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101
Page 1 of 2


Similar Part No. - 2N4861

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
2N4861 MOTOROLA-2N4861 Datasheet
278Kb / 2P
JFET SWITCHING N-CHANNEL-DEPLETION
logo
List of Unclassifed Man...
2N4861 ETC1-2N4861 Datasheet
43Kb / 1P
N-Channel JFETs
logo
InterFET Corporation
2N4861 INTERFET-2N4861 Datasheet
69Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
logo
Intersil Corporation
2N4861 INTERSIL-2N4861 Datasheet
4Mb / 122P
P-CHANNEL JFET
logo
Microsemi Corporation
2N4861 MICROSEMI-2N4861 Datasheet
49Kb / 2P
N-CHANNEL J-FET
More results

Similar Description - 2N4861

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
2N3819 PHILIPS-2N3819 Datasheet
65Kb / 4P
N-channel J-FET
October 1990
logo
Microsemi Corporation
2N4416A MICROSEMI-2N4416A Datasheet
55Kb / 2P
N-CHANNEL J-FET
2N2609 MICROSEMI-2N2609_08 Datasheet
55Kb / 1P
P-CHANNEL J-FET
2N3821 MICROSEMI-2N3821_10 Datasheet
242Kb / 4P
N-CHANNEL J-FET DEPLETION MODE
2N4416A MICROSEMI-2N4416A_08 Datasheet
56Kb / 1P
N-CHANNEL J-FET
2N4856 MICROSEMI-2N4856_09 Datasheet
49Kb / 2P
N-CHANNEL J-FET
2N5114 MICROSEMI-2N5114_08 Datasheet
60Kb / 2P
P-CHANNEL J-FET
2N4091 MICROSEMI-2N4091_08 Datasheet
48Kb / 2P
N-CHANNEL J-FET
logo
New Jersey Semi-Conduct...
2N5393 NJSEMI-2N5393 Datasheet
79Kb / 1P
N-CHANNEL J-FET
2N5114 NJSEMI-2N5114 Datasheet
495Kb / 1P
P-CHANNEL J-FET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com