Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC1069 Datasheet(PDF) 2 Page - Teledyne Technologies Incorporated

Part # AC1069
Description  10 TO 1000 MHz TO-8 CASCADABLE AMPLIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

AC1069 Datasheet(HTML) 2 Page - Teledyne Technologies Incorporated

  AC1069 Datasheet HTML 1Page - Teledyne Technologies Incorporated AC1069 Datasheet HTML 2Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TYPICAL PERFORMANCE
TYPICAL AUTOMATIC TEST DATA
650-691-9800 • Fax: 650-962-6845 • Updates: www.teledynemicrowave.com • microwave@teledyne.com
AC1068/AC1069
FREQUE N CY - MHz
5
10
30
50
100
400
600
800
1000
1200
Gain vs Temperature
AC1068
26 . 0
25 . 0
24 . 0
23 . 0
2 2 . 0
Gain vs Temperature
AC1069
5 . 0
4 . 0
3 . 0
Noise Figure Vcc = 15
KEY: +25
°C
+ 8 5
°C
- 55
°C
23 . 0
22 . 0
21 . 0
20 . 0
1 9 . 0
18 . 0
Power Output at 1 dB Compression
Intercept Point AC1068
7 0
60
50
40
30
Intercept Point AC1069
FREQUE N CY - MHz
5
10
30
50
100
400
600
800
1000
1200
FREQUE N CY - MHz
5
10
30
50
100
400
600
800
1000
1200
FREQUE N CY - MHz
5
10
30
50
100
400
600
800
1000
1200
FREQUE N CY - MHz
5
10
30
50
100
400
600
800
1000
1200
FREQUE N CY - MHz
5
10
30
50
100
400
600
800
1000
1200
7 0
60
50
40
30
20
26 . 0
25 . 0
24 . 0
23 . 0
2 n d H A R
I P 3
I P 2
A C 1068 - 15 v
A C 106 9 - 12 v
A C 106 9 - 15 v
A C 106 9
A C 1068
2 n d H A R
I P 3
I P 2
Model: AC1069
Vcc=+15V
Icc=130.58
FREQ
SWR
SWR
GAIN
PHASE
GROUP DELAY
REV/ISO
MHZ
IN
OUT
DB
DEG
NSEC
DB
5
1.21
3.00
22.99
69
-37.2
10
1.13
1.62
24.61
31
-35.3
20
1.17
1.22
24.75
11
5.8
-35.3
50
1.18
1.12
24.66
-6
1.6
-35.1
100
1.20
1.14
24.67
-22
0.86
-35.6
200
1.22
1.18
24.68
-48
0.74
-35.3
300
1.26
1.22
24.64
-74
0.71
-35.3
400
1.30
1.26
24.57
-99
0.7
-34.9
500
1.34
1.28
24.51
-124
0.7
-35.1
600
1.38
1.28
24.44
-149
0.7
-34.7
700
1.43
1.25
24.39
-175
0.7
-34.2
800
1.46
1.19
24.35
160
0.71
-33.9
900
1.52
1.12
24.35
134
0.73
-33.7
1000
1.63
1.13
24.42
107
0.75
-33.0
1100
1.91
1.34
24.43
78
0.8
-31.8
1200
2.54
1.74
24.32
47
0.86
-31.4
LINEAR S-PARAMETERS
Model: AC1069
Vcc=+15V
Icc=130.58
FREQ.
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
5
0.09
-176.8
14.11
68.9
0.014
69.8
0.50
159.7
10
0.06
46.2
16.99
31.4
0.017
33.5
0.24
112.0
20
0.08
11.3
17.28
10.7
0.017
12.0
0.10
85.1
50
0.08
-2.8
17.10
-6.2
0.018
4.4
0.06
71.9
100
0.09
-15.1
17.12
-21.6
0.017
-3.1
0.06
61.0
200
0.10
-36.9
17.14
-48.2
0.017
-12.1
0.08
52.1
300
0.11
-55.3
17.05
-73.7
0.017
-18.6
0.10
48.0
400
0.13
-73.7
16.92
-98.9
0.018
-25.2
0.11
43.9
500
0.14
-90.7
16.80
-124.1
0.018
-32.8
0.12
40.5
600
0.16
-109.9
16.68
-149.2
0.018
-40.0
0.12
34.4
700
0.18
-130.1
16.57
-174.5
0.020
-49.4
0.11
23.3
800
0.19
-153.5
16.51
160.0
0.020
-58.1
0.09
7.6
900
0.20
178.7
16.51
133.9
0.021
-68.4
0.06
-29.6
1000
0.24
146.8
16.63
106.9
0.022
-82.7
0.06
-112.2
1100
0.31
112.3
16.66
78.0
0.026
-96.3
0.14
-158.2
1200
0.43
79.8
16.44
47.0
0.027
-114.1
0.27
175.0
Model: AC1068
Vcc=+15V
Icc=98.81
FREQ
SWR
SWR
GAIN
PHASE
GROUP DELAY
REV/ISO
MHZ
IN
OUT
DB
DEG
NSEC
DB
5
1.24
1.50
24.37
35
-34.3
10
1.23
1.25
24.51
16
-34.4
20
1.23
1.12
24.61
4
3.3
-34.4
50
1.24
1.06
24.65
-10
1.3
-34.7
100
1.24
1.06
24.62
-25
0.86
-34.7
200
1.23
1.08
24.57
-53
0.77
-34.6
300
1.22
1.13
24.51
-80
0.75
-34.2
400
1.20
1.18
24.47
-107
0.75
-34.1
500
1.18
1.25
24.47
-134
0.76
-33.9
600
1.16
1.32
24.43
-162
0.76
-33.5
700
1.18
1.37
24.39
170
0.78
-33.3
800
1.22
1.41
24.30
142
0.79
-33.2
900
1.27
1.42
24.32
113
0.81
-32.8
1000
1.26
1.39
24.35
82
0.84
-32.2
1100
1.14
1.30
24.52
49
0.92
-31.7
1200
1.31
1.16
24.51
11
1.1
-31.4
LINEAR S-PARAMETERS
Model: AC1068
Vcc=+15V
Icc=98.81
FREQ.
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
5
0.11
-33.2
16.54
35.3
0.019
21.6
0.20
-61.1
10
0.10
-17.2
16.80
16.0
0.019
11.3
0.11
-89.4
20
0.10
-10.5
16.99
4.2
0.019
2.9
0.06
-113.4
50
0.11
-12.2
17.07
-9.6
0.018
1.9
0.03
-152.8
100
0.11
-21.7
17.03
-25.2
0.018
-3.3
0.03
169.7
200
0.10
-40.3
16.92
-53.1
0.019
-10.8
0.04
131.8
300
0.10
-55.1
16.81
-80.1
0.019
-17.1
0.06
114.2
400
0.09
-66.6
16.72
-107.1
0.020
-20.7
0.08
99.0
500
0.08
-70.8
16.73
-134.4
0.020
-27.0
0.11
85.8
600
0.07
-70.0
16.64
-161.9
0.021
-35.3
0.14
72.6
700
0.08
-62.7
16.57
170.0
0.022
-44.1
0.16
56.9
800
0.10
-60.6
16.41
141.6
0.022
-53.1
0.17
40.1
900
0.12
-69.9
16.44
112.6
0.023
-62.1
0.17
21.6
1000
0.12
-87.5
16.51
82.5
0.024
-75.5
0.16
2.9
1100
0.07
-133.4
16.83
49.2
0.026
-86.0
0.13
-14.5
1200
0.14
96.5
16.81
11.0
0.027
-102.9
0.07
-13.6



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com