Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLV615-F2000 Datasheet(PDF) 2 Page - SICK AG

Part # CLV615-F2000
Description  BAR CODE SCANNERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

CLV615-F2000 Datasheet(HTML) 2 Page - SICK AG

  CLV615-F2000 Datasheet HTML 1Page - SICK AG CLV615-F2000 Datasheet HTML 2Page - SICK AG CLV615-F2000 Datasheet HTML 3Page - SICK AG CLV615-F2000 Datasheet HTML 4Page - SICK AG CLV615-F2000 Datasheet HTML 5Page - SICK AG CLV615-F2000 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
CLV615-F2000 | CLV61x
BAR CODE SCANNERS
Ordering information
Type
Part no.
CLV615-F2000
1058334
Other models and accessories
www.sick.com/CLV61x
Detailed technical data
Features
Version
Long Range
Connection type
Cable
Reading field
Side (105°)
Scanner design
Line scanner
Focus
Fixed focus
Light source
Visible red light (655 nm)
MTBF
40,000 h
Laser class
2 (EN 60825-1 (2008-05), IEC 60825-1 : 2007-03, Ed. 2.0)
Aperture angle
≤ 50°
Scanning frequency
400 Hz ... 1,000 Hz
Code resolution
0.35 mm ... 0.5 mm
Reading distance
25 mm ... 330 mm 1)
1) For details see reading field diagram.
Performance
Bar code types
All current code types, Code 39, Code 128, Code 93, Codabar, UPC / GTIN / EAN, Interleaved
2 of 5
Print ratio
2:1 ... 3:1
No. of codes per scan
1 ... 10 (Standard decoder)
1 ... 6 (SMART620)
No. of codes per reading interval
1 ... 50 (auto-discriminating)
No. of characters per reading interval
1,500
500 (for multiplexer function in CAN operation)
No. of multiple readings
1 ... 99
2
IDENTIFICATION SOLUTIONS | SICK
Online data sheet | 2017-03-21 14:30:08
Subject to change without notice



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com