Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V2D652R-MEWHA6 Datasheet(PDF) 4 Page - SICK AG

Part # V2D652R-MEWHA6
Description  IMAGE-BASED CODE READERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

V2D652R-MEWHA6 Datasheet(HTML) 4 Page - SICK AG

  V2D652R-MEWHA6 Datasheet HTML 1Page - SICK AG V2D652R-MEWHA6 Datasheet HTML 2Page - SICK AG V2D652R-MEWHA6 Datasheet HTML 3Page - SICK AG V2D652R-MEWHA6 Datasheet HTML 4Page - SICK AG V2D652R-MEWHA6 Datasheet HTML 5Page - SICK AG V2D652R-MEWHA6 Datasheet HTML 6Page - SICK AG V2D652R-MEWHA6 Datasheet HTML 7Page - SICK AG V2D652R-MEWHA6 Datasheet HTML 8Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
V2D652R-MEWHA6 Dynamic Focus | Lector65x
IMAGE-BASED CODE READERS
Protection class
III
Electrical safety
EN 60950-1 (2011-01)
Weight
963 g
Dimensions (L x W x H)
142.8 mm x 90 mm x 106.1 mm
Lens
54 mm, integrated
Ambient data
Electromagnetic compatibility (EMC)
EN 61000-6-2 (2005-08) / EN 61000-6-3 (2007-01)
Shock resistance
EN 60068-2-6
Ambient operating temperature
0 °C ... +50 °C
Storage temperature
–20 °C ... +70 °C
Permissible relative humidity
90 %, Non-condensing
Ambient light immunity
2,000 lx, on code
Classifications
ECl@ss 5.0
27280103
ECl@ss 5.1.4
27280103
ECl@ss 6.0
27280103
ECl@ss 6.2
27280103
ECl@ss 7.0
27280103
ECl@ss 8.0
27280103
ECl@ss 8.1
27280103
ECl@ss 9.0
27280103
ETIM 5.0
EC002550
ETIM 6.0
EC002550
UNSPSC 16.0901
43211701
4
IDENTIFICATION SOLUTIONS | SICK
Online data sheet | 2017-03-21 14:30:08
Subject to change without notice



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com