Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTMFS5H600NL Datasheet(PDF) 3 Page - ON Semiconductor

Part # NTMFS5H600NL
Description  Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTMFS5H600NL Datasheet(HTML) 3 Page - ON Semiconductor

  NTMFS5H600NL Datasheet HTML 1Page - ON Semiconductor NTMFS5H600NL Datasheet HTML 2Page - ON Semiconductor NTMFS5H600NL Datasheet HTML 3Page - ON Semiconductor NTMFS5H600NL Datasheet HTML 4Page - ON Semiconductor NTMFS5H600NL Datasheet HTML 5Page - ON Semiconductor NTMFS5H600NL Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
NTMFS5H600NL
www.onsemi.com
3
TYPICAL CHARACTERISTICS
Figure 1. On−Region Characteristics
Figure 2. Transfer Characteristics
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
VGS, GATE−TO−SOURCE VOLTAGE (V)
1.0
0.5
0
0
25
50
75
100
125
150
175
4.0
3.0
2.5
2.0
1.5
1.0
0.5
0
0
50
100
150
200
250
300
350
Figure 3. On−Resistance vs. Gate−to−Source
Voltage
Figure 4. On−Resistance vs. Drain Current and
Gate Voltage
VGS, GATE−TO−SOURCE VOLTAGE (V)
ID, DRAIN CURRENT (A)
10
9
8
7
6
5
3
0
2
6
10
14
130
110
150
90
70
50
30
10
1.0
1.2
1.5
Figure 5. On−Resistance Variation with
Temperature
Figure 6. Drain−to−Source Leakage Current
vs. Voltage
TJ, JUNCTION TEMPERATURE (°C)
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
150
125
100
75
25
0
−25
−50
0.6
0.8
1.0
1.2
1.6
1.8
55
45
35
25
15
5
0.1
3.0 V
3.2 V
10 V to 3.4 V
3.5
TJ = 125°C
TJ = 25°C
TJ = −55°C
TJ = 25°C
ID = 50 A
TJ = 25°C
VGS = 4.5 V
VGS = 10 V
VGS = 10 V
ID = 50 A
50
TJ = 150°C
TJ = 85°C
200
225
250
400
500
2.0
VGS = 2.6 V
450
1.4
1
10
100
VDS = 10 V
2.8 V
4
8
12
0.8
0.9
1.1
1.3
1.4
TJ = 125°C
1.6
4



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com