Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPV358MM Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LPV358MM
Description  General Purpose, Low Voltage, Low Power, Rail-to-Rail Output Operational Amplifiers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LPV358MM Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LPV358MM Datasheet HTML 7Page - National Semiconductor (TI) LPV358MM Datasheet HTML 8Page - National Semiconductor (TI) LPV358MM Datasheet HTML 9Page - National Semiconductor (TI) LPV358MM Datasheet HTML 10Page - National Semiconductor (TI) LPV358MM Datasheet HTML 11Page - National Semiconductor (TI) LPV358MM Datasheet HTML 12Page - National Semiconductor (TI) LPV358MM Datasheet HTML 13Page - National Semiconductor (TI) LPV358MM Datasheet HTML 14Page - National Semiconductor (TI) LPV358MM Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
Application Notes (Continued)
4.2 Instrumentation Circuits
The input impedance of the previous difference amplifier is
set by the resistor R
1,R2,R3, and R 4. To eliminate the prob-
lems of low input impedance, one way is to use a voltage fol-
lower ahead of each input as shown in the following two in-
strumentation amplifiers.
4.2.1Three-op-amp Instrumentation Amplifier
The quad LPV324 can be used to build a three-op-amp in-
strumentation amplifier as shown in
Figure 6
The first stage of this instrumentation amplifier is a
differential-input, differential-output amplifier, with two volt-
age followers. These two voltage followers assure that the
input impedance is over 100M
Ω. The gain of this instrumen-
tation amplifier is set by the ratio of R
2/R 1.R3 should equal
R
1 and R4 equal R2. Matching of R3 to R1 and R4 to R2 af-
fects the CMRR. For good CMRR over temperature, low drift
resistors should be used. Making R
4 Slightly smaller than R
2
and adding a trim pot equal to twice the difference between
R
2 and R4 will allow the CMRR to be adjusted for optimum.
4.2.2 Two-op-amp Instrumentation Amplifier
A two-op-amp instrumentation amplifier can also be used to
make a high-input-impedance DC differential amplifier (
Fig-
ure 7). As in the three-op-amp circuit, this instrumentation
amplifier requires precise resistor matching for good CMRR.
R
4 should equal to R1 and R3 should equal R2.
4.3 Single-Supply Inverting Amplifier
There may be cases where the input signal going into the
amplifier is negative. Because the amplifier is operating in
single supply voltage, a voltage divider using R
3 and R4 is
implemented to bias the amplifier so the input signal is within
the input common-common voltage range of the amplifier.
The capacitor C
1 is placed between the inverting input and
resistor R
1 to block the DC signal going into the AC signal
source, V
IN. The values of R1 and C1 affect the cutoff fre-
quency, fc = 1/2
π R
1C1.
As a result, the ouptut signal is centered around mid-supply
(if the voltage divider provides V
+/2 at the non-inverting in-
put). The output can swing to both rails, maximizing the
signal-to-noise ratio in a low voltage system.
4.4 Active Filter
4.4.1 Simple Low-Pass Active Filter
The simple low-pass filter is shown in
Figure 9. Its
low-frequency gain(
ω → o) is defined by −R
3/R1. This allows
low-frequency gains other than unity to be obtained. The fil-
ter has a −20dB/decade roll-off after its corner frequency fc.
R
2 should be chosen equal to the parallel combination of R1
and R
3 to minimize errors due to bais current. The frequency
response of the filter is shown in
Figure 10
DS100920-7
FIGURE 5. Difference Amplifier
DS100920-85
FIGURE 6. Three-op-amp Instrumentation Amplifier
DS100920-11
FIGURE 7. Two-op-amp Instrumentation Amplifier
DS100920-13
FIGURE 8. Single-Supply Inverting Amplifier
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com