Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5686 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # 2SC5686
Description  Silicon NPN triple diffusion mesa type
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SC5686 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  2SC5686 Datasheet HTML 1Page - Panasonic Semiconductor 2SC5686 Datasheet HTML 2Page - Panasonic Semiconductor 2SC5686 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2SC5686
2
SJD00303AED
Safe operation area
Safe operation area (Horizontal operation)
Collector-emitter voltage V
CE (V)
10−1
10−2
10−3
10
1
100
1
10
100
1 000
DC
t
= 100 µs
t
=
1 ms
t
=
10 ms
Non repetitive pulse
TC
= 25°C
ICP
IC
30
25
40
35
20
15
10
5
0
01 000
500
1 500
2 000
Collector-emitter voltage V
CE (V)
fH
= 64 kHz, T
C
< 90°C
A.S.O for a single
pulse load caused by
EHT flash over during
horizontal operation.
< 1 mA



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com