Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

15DF4 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 15DF4
Description  FRD
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

15DF4 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  15DF4 Datasheet HTML 1Page - List of Unclassifed Manufacturers 15DF4 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
OUTLINE DRAWING
Maximum Ratings
Apporox Net Weight:0.38g
Rating
Symbol
15DF4
Unit
Repetitive Peak Reverse Voltage
VRRM
400
V
Non-repetitive Peak Reverse Voltage
VRSM
500
V
1.0
Ta=32
°C ∗1
Average Rectified Output Current
IO
3.0
Ta=39
°C ∗2
50Hz Half Sine
Wave Resistive Load
A
RMS Forward Current
IF(RMS)
2.04
A
Surge Forward Current
IFSM
70
50Hz Half Sine Wave,1cycle,
Non-repetitive
A
Operating JunctionTemperature Range
Tjw
- 40 to + 150
°C
Storage Temperature Range
Tstg
- 40 to + 150
°C
Electrical/Thermal
• Characteristics
Characteristics
Symbol
Conditions
Min. Typ. Max.
Unit
Peak Reverse Current
IRM
Tj= 25
°C, VRM= VRRM
-
-
10
µA
Peak Forward Voltage
VFM
Tj= 25
°C, IFM= 1.3 A
-
-
1.2
V
Reverse Recovery Time
trr
Ta= 25
°C, IFM=1.3 A –di/dt=50A/µs
150
ns
∗1:Without Fin.
105
Thermal Resistance
(Junction to Ambient)
Rth(j-a)
∗2:P.C.Board mounted
-
-
70
°C/W
∗1: Without Fin or P.C. Board
∗2: P.C.Board mounted (Print Lands=15x15mm, L=8mm, Both Sides)
FRD Type
:15DF4
15DF4
15DF4
15DF4
FEATURES
* Miniature Size
* Super Fast Recovery
* Low Forward Voltage Drop
* Low Power Loss, High Efficiency
* High Surge Capability
* 52mm Inside Tape Spacing Packing Available


Similar Part No. - 15DF4

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
15DF4 EIC-15DF4 Datasheet
104Kb / 2P
FAST RECOVERY DIODES
15DF4 EIC-15DF4 Datasheet
189Kb / 2P
FAST RECOVERY DIODES
Rev. 03:February 28, 2014
15DF4 EIC-15DF4_V01 Datasheet
189Kb / 2P
FAST RECOVERY DIODES
Rev. 03:February 28, 2014
More results

Similar Description - 15DF4

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
10ERA60 NIEC-10ERA60 Datasheet
37Kb / 5P
FRD
logo
List of Unclassifed Man...
10DF2 ETC-10DF2 Datasheet
24Kb / 2P
FRD
10ELS1 ETC-10ELS1 Datasheet
24Kb / 2P
FRD
logo
Nihon Inter Electronics...
TCU20A60-11A NIEC-TCU20A60-11A Datasheet
185Kb / 1P
FRD
logo
National Instruments Co...
PD100F12 NI-PD100F12_15 Datasheet
207Kb / 2P
FRD
PD300F12 NI-PD300F12_15 Datasheet
150Kb / 2P
FRD
PH270F2 NI-PH270F2_15 Datasheet
156Kb / 2P
FRD
PH270F6 NI-PH270F6_15 Datasheet
181Kb / 2P
FRD
TCU20A20-11A NI-TCU20A20-11A_15 Datasheet
140Kb / 1P
FRD
TCU20A60-11A NI-TCU20A60-11A_15 Datasheet
185Kb / 1P
FRD
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com