Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8AF1RPP Datasheet(PDF) 4 Page - International Rectifier

Part # 8AF1RPP
Description  PRESSFIT RECTIFIER DIODES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

8AF1RPP Datasheet(HTML) 4 Page - International Rectifier

  8AF1RPP Datasheet HTML 1Page - International Rectifier 8AF1RPP Datasheet HTML 2Page - International Rectifier 8AF1RPP Datasheet HTML 3Page - International Rectifier 8AF1RPP Datasheet HTML 4Page - International Rectifier 8AF1RPP Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
8AF Series
4
Bulletin I20262 Rev.A 06/03
www.irf.com
Fig. 1 - Current Ratings Characteristics
Fig. 2 - Current Ratings Characteristics
Fig. 4 - Forward Power Loss Characteristics
Fig. 3 - Forward Power Loss Characteristics
140
150
160
170
180
190
200
0
5 10 15 20 25 30 35 40 45 50 55
30°
60°
90°
120°
180°
Conduction Angle
8AF Series
R
(DC) = 0.6 K/W
thJC
Average Forward Current (A)
140
150
160
170
180
190
200
0
10
2030
4050
6070
80
DC
30°
60°
90°
120°
180°
Conduction Period
Average Forward Current (A)
8AF Series
R
(DC) = 0.6 K/W
thJC
025
50
75
100
125
150
R
=
1
K
/W
- D
elta
R
1.5
K/W
2 K
/W
3 K
/W
5 K/W
10 K/W
15 K/W
Maximum Allowable Ambient Temperature (°C)
0
10
20
30
40
50
60
70
80
010
20
30
40
50
60
Average Forward Current (A)
RMS Limit
Conduction Angle
180°
120°
90°
60°
30°
8AF Series
T = 195°C
J
0
25
50
75
100
125
150
15 K/W
10 K/W
5 K/W
3 K/W
1.5
K/W
R
=
1
K/W
- D
elta
R
2 K
/W
Maximum Allowable Ambient Temperature (°C)
0
10
20
30
40
50
60
70
80
90
0
10
203040
50
60
7080
DC
180°
120°
90°
60°
30°
Average Forward Current (A)
RMS Limit
Conduction Period
8AF Series
T = 195°C
J



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com