Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPV324MX Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LPV324MX
Description  General Purpose, Low Voltage, Low Power, Rail-to-Rail Output Operational Amplifiers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LPV324MX Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LPV324MX Datasheet HTML 1Page - National Semiconductor (TI) LPV324MX Datasheet HTML 2Page - National Semiconductor (TI) LPV324MX Datasheet HTML 3Page - National Semiconductor (TI) LPV324MX Datasheet HTML 4Page - National Semiconductor (TI) LPV324MX Datasheet HTML 5Page - National Semiconductor (TI) LPV324MX Datasheet HTML 6Page - National Semiconductor (TI) LPV324MX Datasheet HTML 7Page - National Semiconductor (TI) LPV324MX Datasheet HTML 8Page - National Semiconductor (TI) LPV324MX Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
2.7V AC Electrical Characteristics
Unless otherwise specified, all limits guaranteed for T
J = 25˚C, V
+ = 2.7V, V− = 0V, V
CM = 1.0V, VO =V
+/2 and R
L > 1MΩ.
Symbol
Parameter
Conditions
Typ
(Note 6)
Limit
(Note 7)
Units
GBWP
Gain-Bandwidth Product
C
L = 22 pF
112
KHz
Φ
m
Phase Margin
97
Deg
G
m
Gain Margin
35
dB
e
n
Input-Referred Voltage Noise
f = 1 kHz
178
i
n
Input-Referred Current Noise
f = 1 kHz
0.50
5V DC Electrical Characteristics
Unless otherwise specified, all limits guaranteed for T
J = 25˚C, V
+ = 5V, V− = 0V, V
CM = 2.0V, VO =V
+/2 and R
L > 1MΩ.
Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Typ
(Note 6)
Limit
(Note 7)
Units
V
OS
Input Offset Voltage
1.5
7
10
mV
max
TCV
OS
Input Offset Voltage Average
Drift
2
µV/˚C
I
B
Input Bias Current
2
50
60
nA
max
I
OS
Input Offset Current
0.6
40
50
nA
max
CMRR
Common Mode Rejection Ratio
0V
≤ V
CM ≤ 4V
71
50
dB
min
PSRR
Power Supply Rejection Ratio
2.7V
≤ V+ ≤ 5V
V
O = 1V, VCM = 1V
65
50
dB
min
V
CM
Input Common-Mode Voltage
Range
For CMRR
≥ 50dB
−0.2
0
V
min
4.2
4
V
max
A
V
Large Signal Voltage Gain
(Note 8)
R
L = 100kΩ
100
15
10
V/mV
min
V
O
Output Swing
R
L = 100kΩ to 2.5V
V
+ −3.5
V
+ −100
V
+ −200
mV
min
90
180
220
mV
max
I
O
Output Short Circuit Current
Sourcing, V
O =0V
17
2
mA
min
Sinking, V
O =5V
72
20
mA
min
I
S
Supply Current
LPV321
9
12
15
µA
max
LPV358
Both amplifiers
15
20
24
µA
max
LPV324
All four amplifiers
28
42
46
µA
max
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com