Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM5369 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM5369
Description  MM5369 17 Stage Oscillator/Divider
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM5369 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  MM5369 Datasheet HTML 1Page - National Semiconductor (TI) MM5369 Datasheet HTML 2Page - National Semiconductor (TI) MM5369 Datasheet HTML 3Page - National Semiconductor (TI) MM5369 Datasheet HTML 4Page - National Semiconductor (TI) MM5369 Datasheet HTML 5Page - National Semiconductor (TI) MM5369 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Absolute Maximum Ratings
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Voltage at Any Pin
b
03V to VDD a03V
Operating Temperature
0 Cto a70 C
Storage Temperature
b
65 Cto a150 C
Package Dissipation
500 mW
Maximum VCC Voltage
16V
Operating VCC Range
3V to 15V
Lead Temperature (Soldering 10 seconds)
300 C
Electrical Characteristics
TA within operating temperature range VSS e GND 3V s VDD s 15V unless otherwise specified
Parameter
Conditions
Min
Typ
Max
Units
Quiescent Current Drain
VDD e 15V
10
m
A
Operating Current Drain
VDD e 10V fIN e 419 MHz
12
25
mA
Frequency of Oscillation
VDD e 10V
DC
45
MHz
VDD e 6V
DC
2
MHz
Output Current Levels
VDD e 10V
VO e 5V
Logical ‘‘1’’ Source
500
m
A
Logical ‘‘0’’ Sink
500
m
A
Output Voltage Levels
VDD e 10V
IO e 10 mA
Logical ‘‘1’’
90
V
Logical ‘‘0’’
10
V
Note
For 358 MHz operation VDD must be t 10V
Functional Description
A connection diagram for the MM5369 is shown in
Figure 1
and a block diagram is shown in
Figure 2
TIME BASE
A precision time base is provided by the interconnection of
a 3579545 Hz quartz crystal and the RC network shown in
Figure 3 together with the CMOS inverteramplifier provided
between the OSC IN and the OSC OUT terminals Resistor
R1 is necessary to bias the inverter for class A amplifier
operation Capacitors C1 and C2 in series provide the paral-
lel load capacitance required for precise tuning of the quartz
crystal
The network shown provides l 100 ppm tuning range when
used with standard crystals trimmed for CL e 12 pF Tuning
to better than g2 ppm is easily obtainable
DIVIDER
A pulse is genertaed when divider stages 1 through 4 16
and 17 are in the correct state By mask options this pulse
is used to set or reset individual stages of the counter
Fig-
ure 4 shows the relationship between the duty cycle and the
programmed modulus
OUTPUTS
The Tuner Output is a buffered output at the crystal oscilla-
tor frequency This output is provided so that the crystal
frequency can be obtained without disturbing the crystal os-
cillator The Divide Output is the input frequency divided by
the mask programmed number Both outputs are push-pull
outputs
http
www nationalcom
2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com