Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

54FCT273 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54FCT273
Description  Octal D Flip-Flop
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54FCT273 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  54FCT273 Datasheet HTML 1Page - National Semiconductor (TI) 54FCT273 Datasheet HTML 2Page - National Semiconductor (TI) 54FCT273 Datasheet HTML 3Page - National Semiconductor (TI) 54FCT273 Datasheet HTML 4Page - National Semiconductor (TI) 54FCT273 Datasheet HTML 5Page - National Semiconductor (TI) 54FCT273 Datasheet HTML 6Page - National Semiconductor (TI) 54FCT273 Datasheet HTML 7Page - National Semiconductor (TI) 54FCT273 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TLF10146
March 1993
54FCT74FCT273
Octal D Flip-Flop
General Description
The ’FCT273 has eight edge-triggered D-type flip-flops with
individual D inputs and Q outputs The common buffered
Clock (CP) and Master Reset (MR) input load and reset
(clear) all flip-flops simultaneously
The register is fully edge-triggered The state of each D in-
put one setup time before the LOW-to-HIGH clock tran-
sition is transferred to the corresponding flip-flop’s Q out-
put
All outputs will be forced LOW independently of Clock or
Data inputs by a LOW voltage level on the MR input The
device is useful for applications where the true output only is
required and the Clock and Master Reset are common to all
storage elements
Features
Y
ICC reduced to 400 mA
Y
Ideal buffer for MOS microprocessor or memory
Y
Eight edge-triggered D flip-flops
Y
Buffered common clock
Y
Buffered asynchronous master reset
Y
TTL input and output level compatible
Y
TTL levels accept CMOS levels
Y
IOL e 48 mA (Com) 32 mA (Mil)
Y
NSC 5474FCT273 is pin and functionally equivalent to
IDT 5474FCT273
Y
Military
product
compliant
to
MIL-STD-883
and
Standard Military Drawing
5962-87656
Logic Symbols
Connection Diagrams
TLF10146 – 1
IEEEIEC
TLF10146 – 2
Pin Assignment
for DIP Flatpak and SOIC
TLF10146 – 3
Pin Names
Description
D0–D7
Data Inputs
MR
Master Reset
CP
Clock Pulse Input
Q0–Q7
Data Outputs
Pin Assignment
for LCC
TLF10146 – 4
FACTTM is a trademark of National Semiconductor Corporation
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - 54FCT273

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54FCT273 NSC-54FCT273 Datasheet
144Kb / 8P
Octal D-Type Flip-Flop
54FCT273D NSC-54FCT273D Datasheet
144Kb / 8P
Octal D-Type Flip-Flop
54FCT273DMQB NSC-54FCT273DMQB Datasheet
144Kb / 8P
Octal D-Type Flip-Flop
54FCT273F NSC-54FCT273F Datasheet
144Kb / 8P
Octal D-Type Flip-Flop
54FCT273FMQB NSC-54FCT273FMQB Datasheet
144Kb / 8P
Octal D-Type Flip-Flop
More results

Similar Description - 54FCT273

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54AC273 NSC-54AC273 Datasheet
157Kb / 8P
Octal D Flip-Flop
54F273DM NSC-54F273DM Datasheet
167Kb / 8P
Octal D Flip-Flop
logo
ON Semiconductor
MC74AC273 ONSEMI-MC74AC273 Datasheet
187Kb / 7P
OCTAL D FLIP-FLOP
May, 2001 ??Rev. 5
logo
NXP Semiconductors
74F273A PHILIPS-74F273A Datasheet
79Kb / 10P
Octal D flip-flop
1996 Mar 12
74LVT273 PHILIPS-74LVT273 Datasheet
94Kb / 11P
3.3V Octal D flip-flop
1998 Feb 19
logo
STMicroelectronics
M54HC377 STMICROELECTRONICS-M54HC377 Datasheet
252Kb / 11P
OCTAL D TYPE FLIP FLOP
Feb-1993
logo
Hitachi Semiconductor
HD74AC273 HITACHI-HD74AC273 Datasheet
60Kb / 10P
Octal D Flip-Flop
logo
Fairchild Semiconductor
74VHC273 FAIRCHILD-74VHC273_05 Datasheet
532Kb / 10P
Octal D-Type Flip-Flop
74VHC273 FAIRCHILD-74VHC273_07 Datasheet
625Kb / 13P
Octal D-Type Flip-Flop
logo
ON Semiconductor
MC74AC273 ONSEMI-MC74AC273_16 Datasheet
97Kb / 8P
Octal D Flip-Flop
December, 2016 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com