Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74FST3253DT Datasheet(PDF) 2 Page - ON Semiconductor

Part # 74FST3253DT
Description  Dual 4:1 Multiplexer/ Demultiplexer Bus Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74FST3253DT Datasheet(HTML) 2 Page - ON Semiconductor

  74FST3253DT Datasheet HTML 1Page - ON Semiconductor 74FST3253DT Datasheet HTML 2Page - ON Semiconductor 74FST3253DT Datasheet HTML 3Page - ON Semiconductor 74FST3253DT Datasheet HTML 4Page - ON Semiconductor 74FST3253DT Datasheet HTML 5Page - ON Semiconductor 74FST3253DT Datasheet HTML 6Page - ON Semiconductor 74FST3253DT Datasheet HTML 7Page - ON Semiconductor 74FST3253DT Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
74FST3253
http://onsemi.com
2
Figure 3. Logic Diagram
1B1
1B2
1B3
1B4
2B1
2B2
2B3
2B4
1A
2A
OE1
S0
S1
OE2
FLOW CONTROL
ORDERING INFORMATION
Device Order N mber
Package
Shipping†
Device Order Number
Package
Shipping†
74FST3253D
SOIC−16
48 Units / Rail
74FST3253DR2
SOIC−16
2500 Units / Tape & Reel
74FST3253DT
TSSOP−16*
(Pb−Free)
96 Units / Rail
74FST3253DTR2
TSSOP−16*
(Pb−Free)
2500 Units / Tape & Reel
74FST3253QS
QSOP−16
96 Units / Rail
74FST3253QSR
QSOP−16
2500 Units / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
*This package is inherently Pb−Free.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com