Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPV324MT Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LPV324MT
Description  General Purpose, Low Voltage, Low Power, Rail-to-Rail Output Operational Amplifiers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LPV324MT Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LPV324MT Datasheet HTML 6Page - National Semiconductor (TI) LPV324MT Datasheet HTML 7Page - National Semiconductor (TI) LPV324MT Datasheet HTML 8Page - National Semiconductor (TI) LPV324MT Datasheet HTML 9Page - National Semiconductor (TI) LPV324MT Datasheet HTML 10Page - National Semiconductor (TI) LPV324MT Datasheet HTML 11Page - National Semiconductor (TI) LPV324MT Datasheet HTML 12Page - National Semiconductor (TI) LPV324MT Datasheet HTML 13Page - National Semiconductor (TI) LPV324MT Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
Application Notes (Continued)
Low Supply Voltage. National provides guaranteed perfor-
mance at 2.7V and 5V. These guarantees ensure operation
throughout the battery lifetime.
Rail-to-Rail Output. Rail-to-rail output swing provides maxi-
mum possible dynamic range at the output. This is particu-
larly important when operating on low supply voltages.
Input Includes Ground. Allows direct sensing near GND in
single supply operation.
The differential input voltage may be larger than V
+ without
damaging the device. Protection should be provided to pre-
vent the input voltages from going negative more than −0.3V
(at 25˚C). An input clamp diode with a resistor to the IC input
terminal can be used.
2.0 Capacitive Load Tolerance
The LPV321/358/324 can directly drive 200 pF in unity-gain
without oscillation. The unity-gain follower is the most sensi-
tive configuration to capacitive loading. Direct capacitive
loading reduces the phase margin of amplifiers. The combi-
nation of the amplifier’s output impedance and the capacitive
load induces phase lag. This results in either an under-
damped pulse response or oscillation. To drive a heavier ca-
pacitive load, circuit in
Figure 1 can be used.
In
Figure 1, the isolation resistor R
ISO and the load capacitor
C
L form a pole to increase stability by adding more phase
margin to the overall system. The desired performance de-
pends on the value of R
ISO. The bigger the RISO resistor
value, the more stable V
OUT will be. Figure 2 is an output
waveform of
Figure 1 using 100k
Ω for R
ISO and 1000pF for
C
L.
The circuit in
Figure 3 is an improvement to the one in Figure
1 because it provides DC accuracy as well as AC stability. If
there were a load resistor in
Figure 1, the output would be
voltage divided by R
ISO and the load resistor. Instead, in Fig-
ure 3,R
F provides the DC accuracy by using feed-forward
techniques to connect V
IN to RL. Caution is needed in choos-
ing the value of R
F due to the input bias current of the
LPV321/358/324. C
F and RISO serve to counteract the loss
of phase margin by feeding the high frequency component of
the output signal back to the amplifier’s inverting input,
thereby preserving phase margin in the overall feedback
loop. Increased capacitive drive is possible by increasing the
value of C
F . This in turn will slow down the pulse response.
3.0 Input Bias Current Cancellation
The LPV321/358/324 family has a bipolar input stage. The
typical input bias current of LPV321/358/324 is 1.5nA with
5V supply. Thus a 100k
Ω input resistor will cause 0.15mV of
error voltage. By balancing the resistor values at both invert-
ing and non-inverting inputs, the error caused by the ampli-
fier’s input bias current will be reduced. The circuit in
Figure
4 shows how to cancel the error caused by input bias
current.
4.0 Typical Single-Supply Application Circuits
4.1 Difference Amplifier
The difference amplifier allows the subtraction of two volt-
ages or, as a special case, the cancellation of a signal com-
mon to two inputs. It is useful as a computational amplifier, in
making a differential to single-ended conversion or in reject-
ing a common mode signal.
DS100920-4
FIGURE 1. Indirectly Driving A Capacitive Load Using
Resistive Isolation
DS100920-75
FIGURE 2. Pulse Response of the LPV324 Circuit in
Figure 1
DS100920-5
FIGURE 3. Indirectly Driving A Capacitive Load with
DC Accuracy
DS100920-6
FIGURE 4. Cancelling the Error Caused by Input Bias
Current
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com