Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

301U Datasheet(PDF) 7 Page - International Rectifier

Part # 301U
Description  STANDARD RECOVERY DIODES
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

301U Datasheet(HTML) 7 Page - International Rectifier

  301U Datasheet HTML 1Page - International Rectifier 301U Datasheet HTML 2Page - International Rectifier 301U Datasheet HTML 3Page - International Rectifier 301U Datasheet HTML 4Page - International Rectifier 301U Datasheet HTML 5Page - International Rectifier 301U Datasheet HTML 6Page - International Rectifier 301U Datasheet HTML 7Page - International Rectifier 301U Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
301U(R) Series
20
40
60
80
100 120 140 160 180
Maximum Allowable Ambient Temperature (°C)
0.2
K/
W
0.3
K/W
1.5 K/W
3 K/ W
0.7
K/ W
0
50
100
150
200
250
300
350
400
450
0
50
100
150
200
250
300
180°
120°
90°
60°
30°
RMSLimit
Conduction Angle
Average Forward Current (A)
T = 180°C
301U(R) Series(2500V)
J
Fig. 7 - Forward Power Loss Characteristics
Fig. 8 - Forward Power Loss Characteristics
20
40
60
80
100 120 140 160 180
Maximum Allowable Ambient Temperature (°C)
R
=
0.1
K/ W
- D
elt
a
R
0.2
K/ W
0.3
K/W
1.5 K/W
3 K/W
0.7 K
/W
0
100
200
300
400
500
600
0
100
200
300
400
500
DC
180°
120°
90°
60°
30°
RMSLimit
Conduction Period
Average Forward Current (A)
T = 180°C
301U(R) Series(2500V)
J
2000
3000
4000
5000
6000
7000
8000
1
10
100
Number Of Equa l Amplitude Half Cycle Current Pulses(N)
Initial T = 180°C
@60 Hz 0.0083 s
@50 Hz 0.0100 s
At Any Ra ted Load Condition And With
Rated V
Applied Following Surge.
RRM
J
301U(R) Series
(800V to 2000V)
Fig. 9 - Maximum Non-Repetitive Surge Current
Fig. 10 - Maximum Non-Repetitive Surge Current
1000
2000
3000
4000
5000
6000
7000
8000
9000
0.01
0.1
1
Pulse Train Duration (s)
VersusPulse Train Duration.
Initial T = 180 °C
No Voltage Reapp lied
Rated V
Reapp lied
Maximum Non Repetitive Surge Current
RRM
J
301U(R) Series
(800V to 2000V)
Next Data Sheet
Index
Previous Datasheet
To Order



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com