Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SISA18DN Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SISA18DN
Description  N-Channel 30 V (D-S) MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SISA18DN Datasheet(HTML) 1 Page - Vishay Siliconix

  SISA18DN Datasheet HTML 1Page - Vishay Siliconix SISA18DN Datasheet HTML 2Page - Vishay Siliconix SISA18DN Datasheet HTML 3Page - Vishay Siliconix SISA18DN Datasheet HTML 4Page - Vishay Siliconix SISA18DN Datasheet HTML 5Page - Vishay Siliconix SISA18DN Datasheet HTML 6Page - Vishay Siliconix SISA18DN Datasheet HTML 7Page - Vishay Siliconix SISA18DN Datasheet HTML 8Page - Vishay Siliconix SISA18DN Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Vishay Siliconix
SiSA18DN
New Product
Document Number: 62579
S12-2051-Rev. A, 27-Aug-12
www.vishay.com
1
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
For technical questions, contact: pmostechsupport@vishay.com
N-Channel 30 V (D-S) MOSFET
FEATURES
•
TrenchFET® Gen IV Power MOSFET
•100 % Rg and UIS Tested
•
Material categorization:
For definitions of compliance please see
www.vishay.com/doc?99912
APPLICATIONS
•
DC/DC Power Supplies
•
High Current Power Rails in Computing
•
Telecom POL and Bricks
•
Battery Protection
Notes:
a. Surface mounted on 1" x 1" FR4 board.
b. t = 10 s.
c. See solder profile (www.vishay.com/doc?73257). The PowerPAK 1212-8 is a leadless package. The end of the lead terminal is exposed
copper (not plated) as a result of the singulation process in manufacturing. A solder fillet at the exposed copper tip cannot be guaranteed and
is not required to ensure adequate bottom side solder interconnection.
d. Rework conditions: manual soldering with a soldering iron is not recommended for leadless components.
e. Maximum under steady state conditions is 81 °C/W.
f. Based on TC = 25 °C.
PRODUCT SUMMARY
VDS (V)
RDS(on) () (Max.)
ID (A)
f
Qg (Typ.)
30
0.0075 at VGS = 10 V
38.3
6.9 nC
0.0120 at VGS = 4.5 V
30.2
Ordering Information:
SiSA18DN-T1-GE3 (Lead (Pb)-free and Halogen-free)
1
2
3
4
5
6
7
8
S
S
S
G
D
D
D
D
3.30 mm
3.30 mm
PowerPAK® 1212-8
Bottom View
N-Channel MOSFET
G
D
S
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C, unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
30
V
Gate-Source Voltage
VGS
+ 20, - 16
Continuous Drain Current (TJ = 150 °C)
TC = 25 °C
ID
38.3
A
TC = 70 °C
30.6
TA = 25 °C
15.3a, b
TA = 70 °C
12.1a, b
Pulsed Drain Current (t = 300 µs)
IDM
70
Continuous Source-Drain Diode Current
TC = 25 °C
IS
18
TA = 25 °C
2.9a, b
Single Pulse Avalanche Current
L = 0.1 mH
IAS
10
Single Pulse Avalanche Energy
EAS
5
mJ
Maximum Power Dissipation
TC = 25 °C
PD
19.8
W
TC = 70 °C
12.7
TA = 25 °C
3.2a, b
TA = 70 °C
3a, b
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
Soldering Recommendations (Peak Temperature)c, d
260
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambienta, e
t
 10 s
RthJA
31
39
°C/W
Maximum Junction-to-Case (Drain)
Steady State
RthJC
56.3


Similar Part No. - SISA18DN

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SISA18ADN VISHAY-SISA18ADN Datasheet
578Kb / 13P
N-Channel 30 V (D-S) MOSFET
21-Jan-13
SISA18ADN VISHAY-SISA18ADN Datasheet
566Kb / 13P
N-Channel 30 V (D-S) MOSFET
21-Jan-13
SISA18ADN-T1-GE3 VISHAY-SISA18ADN-T1-GE3 Datasheet
566Kb / 13P
N-Channel 30 V (D-S) MOSFET
21-Jan-13
SISA18ADN VISHAY-SISA18ADN_V01 Datasheet
566Kb / 13P
N-Channel 30 V (D-S) MOSFET
21-Jan-13
SISA18BDN VISHAY-SISA18BDN Datasheet
202Kb / 8P
N-Channel 30 V (D-S) MOSFET
10-Jan-2022
More results

Similar Description - SISA18DN

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI3456DV VISHAY-SI3456DV Datasheet
61Kb / 4P
N-Channel 30-V (D-S) MOSFET
23-Nov-98
SI1304BDL VISHAY-SI1304BDL_08 Datasheet
123Kb / 7P
N-Channel 30-V (D-S) MOSFET
03-Oct-05
SI1426DH VISHAY-SI1426DH_08 Datasheet
71Kb / 5P
N-Channel 30-V (D-S) MOSFET
18-Feb-02
SI2316BDS VISHAY-SI2316BDS Datasheet
107Kb / 6P
N-Channel 30-V (D-S) MOSFET
02-Jul-07
SI3424BDV VISHAY-SI3424BDV Datasheet
144Kb / 7P
N-Channel 30-V (D-S) MOSFET
24-Dec-07
SI3454CDV VISHAY-SI3454CDV Datasheet
144Kb / 7P
N-Channel 30-V (D-S) MOSFET
26-May-08
SI3456CDV VISHAY-SI3456CDV Datasheet
138Kb / 7P
N-Channel 30-V (D-S) MOSFET
04-Feb-08
SUM90N03-2M2P VISHAY-SUM90N03-2M2P Datasheet
136Kb / 6P
N-Channel 30-V (D-S) MOSFET
10-Sep-07
logo
Guangdong Kexin Industr...
KI2304DS KEXIN-KI2304DS Datasheet
49Kb / 2P
N-Channel 30-V (D-S) MOSFET
KI1304BDL KEXIN-KI1304BDL Datasheet
71Kb / 2P
N-Channel 30-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com