Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ND06P00103K Datasheet(PDF) 1 Page - AVX Corporation

Part # ND06P00103K
Description  NTC Disc Thermistors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

ND06P00103K Datasheet(HTML) 1 Page - AVX Corporation

  ND06P00103K Datasheet HTML 1Page - AVX Corporation ND06P00103K Datasheet HTML 2Page - AVX Corporation ND06P00103K Datasheet HTML 3Page - AVX Corporation ND06P00103K Datasheet HTML 4Page - AVX Corporation ND06P00103K Datasheet HTML 5Page - AVX Corporation ND06P00103K Datasheet HTML 6Page - AVX Corporation ND06P00103K Datasheet HTML 7Page - AVX Corporation ND06P00103K Datasheet HTML 8Page - AVX Corporation ND06P00103K Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
010617
APPLICATIONS
• ND or NE: Commerical, Industrial and Automotive Applications
AEC-Q200 Qualified
NV: Professional Applicationsl
• Alarm and temperature measurement application
• Temperature regulation application
• Level detection application
• Compensation application and more
TECHNOLOGY
• ND: epoxy-phenolic resin coating
NE: epoxy resin coating (recommended for severe
mounting conditions)
NV: epoxy varnish coating
• Leads: Radial copper wire tinned
• Marking: on package only for ND03 & NE03
ND/NE 06/09:Nominal resistance and tolerance for ±5%, ±10%
NV06/09:
Nominal resistance and tolerance
• Delivery Mode: Bulk, reeled or ammopacked
PERFORMANCE CHARACTERISTICS
Types
General purpose
Professional
ND03 or NE03
ND06 or NE06
ND09 or NE09
NV06
NV09
Climatic category
55/125/56-434
55/125/56-434
Operating Temperature
–55 to +150°C
–55 to +150°C
–55 to +150°C
–55 to +150°C
–55 to +150°C
Tolerance on Rn
330Ω to 1MΩ : ±
±3*, 5, 10, ±20%
±3*, 5, 10, ±20%
±2, 3, 5, ±10%
±2, 3, 5, ±10%
(25°C)
±3*, 5, 10, 20%
1500Ω to 150 kΩ : ±
3%
Maximum dissipation
at 25°C
0.25 W
0.71 W
0.9 W
0.69 W
0.85 W
Thermal dissipation
factor
5 mW/°C
7.1 mW/°C
9 mW/°C
6.9 mW/°C
8.5 mW/°C
Thermal time constant
10 s
22 s
30 s
18 s
30 s
Response time
< 3s
STANDARDIZATION
NV range : approved by NFC 93271
Type: TN115 A for NV06
TN116 for NV09
List: GAM-T1
List: LNZ
OPTIONS
Consult factory for availability of options:
• other nominal resistance values
• other tolerances
• alternative lead materials or lengths
• controlled dimensions
Leaded Discs
N.03
N.06
N.09
NTC Disc Thermistors
ND 03/06/09 • NE 03/06/09 • NV 06/09
* Optional tolerance, please contact factory


Similar Part No. - ND06P00103K

ManufacturerPart #DatasheetDescription
logo
Superior Sensors Techno...
ND060D-SM02 SUPERIOR-SENSORS-ND060D-SM02 Datasheet
661Kb / 18P
Differential Middle Pressure Sensors Industrial Applications
12/16/21 Rev A
ND060D-SM02-C SUPERIOR-SENSORS-ND060D-SM02-C Datasheet
661Kb / 18P
Differential Middle Pressure Sensors Industrial Applications
12/16/21 Rev A
ND060D-SM02-M SUPERIOR-SENSORS-ND060D-SM02-M Datasheet
661Kb / 18P
Differential Middle Pressure Sensors Industrial Applications
12/16/21 Rev A
ND060D-SM02-Q SUPERIOR-SENSORS-ND060D-SM02-Q Datasheet
661Kb / 18P
Differential Middle Pressure Sensors Industrial Applications
12/16/21 Rev A
ND060D-SM02-R SUPERIOR-SENSORS-ND060D-SM02-R Datasheet
661Kb / 18P
Differential Middle Pressure Sensors Industrial Applications
12/16/21 Rev A
More results

Similar Description - ND06P00103K

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERTD PANASONIC-ERTD Datasheet
689Kb / 5P
Disc Type NTC Thermistors
logo
Murata Manufacturing Co...
NCP18WF104J03RB MURATA-NCP18WF104J03RB Datasheet
1Mb / 44P
NTC Thermistors
logo
AVX Corporation
NJ28RA0104F AVX-NJ28RA0104F Datasheet
823Kb / 38P
NTC Thermistors
logo
Murata Manufacturing Co...
NCP18XH103E0SRB MURATA-NCP18XH103E0SRB Datasheet
1Mb / 47P
NTC Thermistors
logo
Panasonic Semiconductor
ERT-D2FFL400S PANASONIC-ERT-D2FFL400S Datasheet
695Kb / 5P
NTC Thermistors (Disc Type)
ERT-J1VP473H PANASONIC-ERT-J1VP473H Datasheet
306Kb / 14P
NTC Thermistors
logo
TDK Electronics
NTCDS3HG602HB4NT TDK-NTCDS3HG602HB4NT Datasheet
103Kb / 6P
NTC Thermistors
logo
AVX Corporation
NR55300299 AVX-NR55300299 Datasheet
102Kb / 7P
NTC Leadless Disc Thermistors
logo
Murata Manufacturing Co...
NCU15WB473F6SRC MURATA-NCU15WB473F6SRC Datasheet
201Kb / 3P
NTC Thermistors
NCU15WF104D60RC MURATA-NCU15WF104D60RC Datasheet
198Kb / 3P
NTC Thermistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com