Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NR55300299 Datasheet(PDF) 1 Page - AVX Corporation

Part # NR55300299
Description  NTC Leadless Disc Thermistors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

NR55300299 Datasheet(HTML) 1 Page - AVX Corporation

  NR55300299 Datasheet HTML 1Page - AVX Corporation NR55300299 Datasheet HTML 2Page - AVX Corporation NR55300299 Datasheet HTML 3Page - AVX Corporation NR55300299 Datasheet HTML 4Page - AVX Corporation NR55300299 Datasheet HTML 5Page - AVX Corporation NR55300299 Datasheet HTML 6Page - AVX Corporation NR55300299 Datasheet HTML 7Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
NTC Leadless Disc Thermistors
Types
NR
Marking
On package only / On parts upon request
Operating temperature
-40°C to +200°C
Custom - designed products defined with:
Values and tolerances
D ± D R
1 ± R1/R1 at T1
E ± E R
2 ± R2/R2 at T2, . . .
DESIGN OF THE THERMISTOR
Choice of the resistances
If the application is to measure the temperature around a
defined point, a unique nominal resistance can be chosen
(for example, among standard values of the ND range prod-
ucts presented on pages 20 to 24).
When it is required to measure the temperature over selected
ranges T
1 –T2 , T2 –T3 , ..., the corresponding resistance
R
1 , R2 , R3 , ..., must be such that they can be located
on the R (T) characteristic of an existing NTC material
(for example among standard materials whose R (T) are
displayed on pages 29 to 33).
The resistances must also be compatible with the resistivity
of the material and the dimensions of the thermistor.
Choice of the tolerances
The precision of the temperature measurement determines
the calculation of the tolerance on the resistance:
R/R =
(%/°C).
T (°C)
For example, the NTC NR55--3049-99, using “N5” material
(R (T) characteristic displayed on page 31), requires a preci-
sion of 1°C over the temperature range 110°C - 120°C.
The tolerances can be calculated:
R110°C /R110°C = 1°C* 2.91%/°C = 2.91%
R120°C /R120°C = 1°C* 2.76%/°C = 2.76%
*For your specific requirements, please consult us.
D
Metallization
E
Physical data (dim. in mm)
HOW TO ORDER
NR55 -
Type
- 3002 - 99
P/N Code
This type of product is widely used in automotive and
consumer applications.
They are assembled in custom-probes for sensing the
temperature of liquids (water, oil, ...), gases or surface of any
other component.
The metallization covers completely the surfaces of the
thermistor.
The particularly flat and smooth surfaces ensure an excellent
electrical and thermal contact under pressure.


Similar Part No. - NR55300299

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
NR5040T100M TAIYO-YUDEN-NR5040T100M Datasheet
635Kb / 23P
SMD POWER INDUCTORS(NR SERIES/NR SERIES H TYPE/S TYPE/V TYPE)
NR5040T100M TAIYO-YUDEN-NR5040T100M Datasheet
291Kb / 3P
SMD Power Inductors (NR series)
NR5040T100M TAIYO-YUDEN-NR5040T100M_19 Datasheet
291Kb / 3P
SMD Power Inductors (NR series)
NR5040T150M TAIYO-YUDEN-NR5040T150M Datasheet
811Kb / 22P
Please read this notice before using the TAIYO YUDEN products.
NR5040T150M TAIYO-YUDEN-NR5040T150M Datasheet
295Kb / 3P
SMD Power Inductors (NR series)
More results

Similar Description - NR55300299

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERTD PANASONIC-ERTD Datasheet
689Kb / 5P
Disc Type NTC Thermistors
logo
Murata Manufacturing Co...
NCP18WF104J03RB MURATA-NCP18WF104J03RB Datasheet
1Mb / 44P
NTC Thermistors
logo
AVX Corporation
NJ28RA0104F AVX-NJ28RA0104F Datasheet
823Kb / 38P
NTC Thermistors
logo
Murata Manufacturing Co...
NCP18XH103E0SRB MURATA-NCP18XH103E0SRB Datasheet
1Mb / 47P
NTC Thermistors
logo
Panasonic Semiconductor
ERT-D2FFL400S PANASONIC-ERT-D2FFL400S Datasheet
695Kb / 5P
NTC Thermistors (Disc Type)
ERT-J1VP473H PANASONIC-ERT-J1VP473H Datasheet
306Kb / 14P
NTC Thermistors
logo
TDK Electronics
NTCDS3HG602HB4NT TDK-NTCDS3HG602HB4NT Datasheet
103Kb / 6P
NTC Thermistors
logo
AVX Corporation
ND06P00103K AVX-ND06P00103K Datasheet
224Kb / 10P
NTC Disc Thermistors
logo
Vishay Siliconix
NTCC100E4 VISHAY-NTCC100E4_17 Datasheet
83Kb / 2P
Leadless NTC Thermistor Dies
24-Mar-17
NTCC100E4 VISHAY-NTCC100E4_V01 Datasheet
81Kb / 2P
Leadless NTC Thermistor Dies
24-Mar-17
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com