Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A3980KLP Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # A3980KLP
Description  Automotive DMOS Microstepping Driver with Translator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3980KLP Datasheet(HTML) 3 Page - Allegro MicroSystems

  A3980KLP Datasheet HTML 1Page - Allegro MicroSystems A3980KLP Datasheet HTML 2Page - Allegro MicroSystems A3980KLP Datasheet HTML 3Page - Allegro MicroSystems A3980KLP Datasheet HTML 4Page - Allegro MicroSystems A3980KLP Datasheet HTML 5Page - Allegro MicroSystems A3980KLP Datasheet HTML 6Page - Allegro MicroSystems A3980KLP Datasheet HTML 7Page - Allegro MicroSystems A3980KLP Datasheet HTML 8Page - Allegro MicroSystems A3980KLP Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Automotive DMOS Microstepping Driver
with Translator
A3980
2
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Selection Guide
Part Number
Packing
A3980KLPTR-T
4000 pieces per reel
Absolute Maximum Ratings
Characteristic
Symbol
Notes
Rating
Units
Load Supply Voltage
VBB
500 ms
50
V
Logic Supply Voltage
VDD
7.0
V
Logic Input Voltage
VIN
–0.3 to VDD + 0.3
V
(tW < 30 ns)
–1.0 to VDD + 1
V
Sense Voltage
VSENSE
0.5
V
Reference Voltage
VREF
0 to VDD
V
Operating Ambient Temperature
TA
Range K
–40 to 125
°C
Maximum Junction Temperature
TJ(max)
150
°C
Storage Temperature
Tstg
–55 to 150
°C
ESD Rating - Human Body Model
AEC-Q100-002, all pins
2.0
kV
ESD Rating - Charged Device Model
AEC-Q100-011, all pins
1.0
kV
Thermal Ratings
Characteristic
Symbol
Test Conditions*
Value Units
Package Thermal Resistance
RθJA
2-layer PCB with 3.8 in.2 of copper area each side
connected by thermal vias
32
ºC/W
4-layer PCB based on JEDEC standards
28
ºC/W
*Additional thermal information available on Allegro Web site.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com