Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8651ARM Datasheet(PDF) 7 Page - Analog Devices

Part # AD8651ARM
Description  50 MHz, Precision, Low Distortion, Low Noise CMOS Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8651ARM Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8651ARM Datasheet HTML 3Page - Analog Devices AD8651ARM Datasheet HTML 4Page - Analog Devices AD8651ARM Datasheet HTML 5Page - Analog Devices AD8651ARM Datasheet HTML 6Page - Analog Devices AD8651ARM Datasheet HTML 7Page - Analog Devices AD8651ARM Datasheet HTML 8Page - Analog Devices AD8651ARM Datasheet HTML 9Page - Analog Devices AD8651ARM Datasheet HTML 10Page - Analog Devices AD8651ARM Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
AD8651/AD8652
Rev. B | Page 7 of 20
6
7
11
10
9
8
12
TEMPERATURE (°C)
–50
0
50
100
150
VS = ±2.5V
Figure 11. Supply Current vs. Temperature
0
100
400
300
200
500
CURRENT LOAD (mA)
0
20
40
60
100
80
VS = ±2.5V
VOH
VOL
Figure 12. Output Voltage to Supply Rail vs. Load Current
4.990
4.991
4.995
4.996
4.994
4.993
4.992
4.997
TEMPERATURE (°C)
–50
0
50
100
150
VS = 5V
IL = 250µA
Figure 13. Output Voltage Swing High vs. Temperature
0
0.50
2.50
2.00
1.50
1.00
TEMPERATURE (°C)
–50
0
50
100
150
VS = 5V
IL = 250µA
Figure 14. Output Voltage Swing Low vs. Temperature
0
100
80
60
40
20
FREQUENCY (Hz)
10
1k
10M
1M
100k
10k
100
VS = ±2.5V
Figure 15. CMRR vs. Frequency
90
95
110
105
100
TEMPERATURE (°C)
–50
0
50
100
150
VS = ±2.5V
Figure 16. CMRR vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com