Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8651ARM-R2 Datasheet(PDF) 16 Page - Analog Devices

Part # AD8651ARM-R2
Description  50 MHz, Precision, Low Distortion, Low Noise CMOS Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8651ARM-R2 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD8651ARM-R2 Datasheet HTML 12Page - Analog Devices AD8651ARM-R2 Datasheet HTML 13Page - Analog Devices AD8651ARM-R2 Datasheet HTML 14Page - Analog Devices AD8651ARM-R2 Datasheet HTML 15Page - Analog Devices AD8651ARM-R2 Datasheet HTML 16Page - Analog Devices AD8651ARM-R2 Datasheet HTML 17Page - Analog Devices AD8651ARM-R2 Datasheet HTML 18Page - Analog Devices AD8651ARM-R2 Datasheet HTML 19Page - Analog Devices AD8651ARM-R2 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
AD8651/AD8652
Rev. B | Page 16 of 20
oscillations. With the AD8651, additional input damping is
required for stability with capacitive loads greater than 47 pF
with direct input to output feedback (see the next section).
Output Capacitance
When using high speed amplifiers, it is important to consider
the effects of the capacitive loading on the amplifier’s stability.
Capacitive loading interacts with the output impedance of the
amplifier, causing reduction of the BW as well as peaking and
ringing of the frequency response. To reduce the effects of the
capacitive loading and allow higher capacitive loads, there are
two commonly used methods:
1) As shown in Figure 55, place a small value resistor (RS) in
series with the output to isolate the load capacitor from the
amplifier’s output. Heavy capacitive loads can reduce the phase
margin of an amplifier and cause the amplifier response to peak
or become unstable. The AD8651 is able to drive up to 47 pF in
a unity gain buffer configuration without oscillation or external
compensation. However, if an application will require a higher
capacitive load drive when the AD8651 is in unity gain, then
the use of external isolation networks can be used. The effect
produced by this resistor is to isolate the op amp output from
the capacitive load. The required amount of series resistance has
been tabulated in Table 5 for different capacitive load. While
this technique will improve the overall capacitive load drive for
the amplifier, its biggest drawback is that it reduces the output
swing of the overall circuit.
+
–
V+
V–
VIN
0
0
0
3
2
U1
RL
CL
RS
VOUT
VCC
AD8651
Figure 55. Driving Large Capacitive Loads
Table 5. Optimum Values for Driving Large Capacitive Loads
CL
RS
100 pF
50 Ω
500 pF
35 Ω
1.0 nF
25 Ω
2) Another way to stabilize an op amp driving a large capacitive
load is to use a snubber network, as shown in Figure 56.
Because there is not any isolation resistor in the signal path, this
method has the significant advantage of not reducing the output
swing. The exact values of RS and CS are derived experimentally.
In Figure 56, an optimum RS and CS combination for a
capacitive load drive ranging from 50 pF to 1 nF was chosen.
For this, RS = 3 Ω and CS = 10 nF were chosen.
+
–
V+
V–
200mV
RL
CL
RS
CS
VOUT
V+
V–
AD8651
Figure 56. Snubber Network
Settling Time
The settling time of an amplifier is defined as the time it takes
for the output to respond to a step change of input and enter
and remain within a defined error band, as measured relative to
the 50% point of the input pulse. This parameter is especially
important in measurements and control circuits where amplifi-
ers are used to buffer A/D inputs or DAC outputs. The design of
the AD8651 combines a high slew rate and a wide gain band-
width product to produce an amplifier with very fast settling
time. The AD8651 is configured in the noninverting gain of 1
with a 2 V p-p step applied to its input. The AD8651 has a
settling time of about 130 ns to 0.01% (2 mV). The output is
monitored with a 10×, 10 M, 11.2 pF scope probe.
THD Readings vs. Common-Mode Voltage
Total harmonic distortion of the AD8651 is well below 0.0004%
with any load down to 600 Ω. The distortion is a function of the
circuit configuration, the voltage applied, and the layout, in
addition to other factors. The AD8651 outperforms its
competitor for distortion, especially at frequencies below
20 kHz, as shown in Figure 57.
0.0001
0.0002
0.0005
0.001
0.002
0.005
0.01
0.02
0.05
0.1
FREQUENCY (Hz)
AD8651
VSY = +3.5V/–1.5V
VOUT = 2.0V p-p
20
50
100
500
20k
5k
2k
1k
OPA350
Figure 57. Total Harmonic Distortion
+
–
VIN
2V p-p
47pF
600
Ω
VOUT
3.5V
–1.5V
AD8651
Figure 58. THD + N Test Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com