Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

302 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 302
Description  2" (50.8 mm) Single Turn Wirewound Precision Potentiometer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

302 Datasheet(HTML) 2 Page - Vishay Siliconix

  302 Datasheet HTML 1Page - Vishay Siliconix 302 Datasheet HTML 2Page - Vishay Siliconix 302 Datasheet HTML 3Page - Vishay Siliconix 302 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Model 302
www.vishay.com
Vishay Spectrol
Revision: 22-Nov-16
2
Document Number: 57057
For technical questions, contact: sferprecisionpot@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PART NUMBER DESCRIPTION (for information only)
302-
1
1
103
203
xxxx
MODEL
STYLE
GANGS
OHMIC VALUE
GANGS No 1
OHMIC VALUE
GANGS No 2
SPECIAL
B: 1
S: 2
C: 3
DIMENSIONS in inches (millimeters)
1
3
2
CW
SCHEMATIC
0.800
(20.32)
± 0.010
0.625
(15.88)
0.062
(1.57)
± 0.031
Ø 2.000
(50.80)
± 0.015
Ø 0.7500
(19.05)
+ 0.0000
- 0.0005
Ø 0.2497
(6.34)
+ 0.0000
- 0.0003
MTG. FACE
0.312 MIN.
(7.92)
15° TYP.
1
2
3
1.200 R MAX.
(30.48)
8 - 32 UNC - 2B
0.187 DEEP
(4.75) 3 HOLES
EQUALLY
SPACED
Ø 1.250 B.C
(31.75)
1.140 R MAX.
(28.96)
± 0.005
45°
± 5°
0.705
(17.91)
± 0.010
0.875
(22.22)
± 0.031
0.375
(9.52)
± 0.015
3/
8 - 32 UNEF 2A
Ø 2.000
(50.80)
± 0.015
Ø 0.4062
(10.32)
+ 0.0000
- 0.0010
Ø 0.2497
(6.34)
+ 0.0000
- 0.0003
MTG. FACE
0.062
(1.57)
0.239 MIN.
(6.07)
Ø 2.000
(50.80)
Ø 1.8750
(47.62)
+ 0.0000
- 0.0005
MTG. FACE
Ø 1.812
MAX. (46.02)
Ø 2.000
(50.80)
± 0.015
0.062
(1.57)
0.093
(2.36)
0.831
(21.11)
± 0.010
0.625
(15.88)
± 0.031
0.073 MIN.
(1.85)
0.340 MIN.
(8.64)
Ø 0.2497
(6.34)
+ 0.0000
- 0.0003
1
ADD 0.500 (12.70) FOR EACH ADDITIONAL SECTION
± 0.002
TOLERANCES: UNLESS OTHERWISE NOTED.
DECIMALS ± 0.005 ANGLES ± 2°
BUSHING MOUNT: 302B/302-1
SCREW MOUNT: 302C/302-3
SERVO MOUNT: 302S/302-2
1
1



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com